Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1524 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1524
Description  This document describes the functions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1524 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1524 Datasheet HTML 18Page - STMicroelectronics UM1524 Datasheet HTML 19Page - STMicroelectronics UM1524 Datasheet HTML 20Page - STMicroelectronics UM1524 Datasheet HTML 21Page - STMicroelectronics UM1524 Datasheet HTML 22Page - STMicroelectronics UM1524 Datasheet HTML 23Page - STMicroelectronics UM1524 Datasheet HTML 24Page - STMicroelectronics UM1524 Datasheet HTML 25Page - STMicroelectronics UM1524 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
EEPROM log data structure
UM1524
22/35
Doc ID 022901 Rev 1
Appendix A
EEPROM log data structure
All the parameters below are stored in EEPROM:
●
Calibration data (10 bytes)
(3 bytes of CHV, CHP, CHS then 7 times 0x00)
●
Total cumulative energy
(at two locations - to keep duplicate entries)
●
Total cumulative till last month
(month-wise for the last six months and current month)
●
Maximum demand
(month-wise for the last six months and current month)
●
Cumulative energy
(month-wise for the last six months and current month)
●
Average PF and averaging count
(month-wise for the last six months and current month)
●
Tamper information - earth, reverse, neutral missing, case tamper
(month-wise for the last six months and current month and four entries per month with
count for tamper and date and time details)
●
Count of cumulative energy overflow
●
Date and time of last power-down
Total size required: 920 bytes.
Data storage structure in EEPROM, as follows:
●
Calibration data (CHV, CHP, CHS)
●
CE main entry with CRC
●
N month: CE till last month: MD: CE current month: average PF: tamper
●
N-1 month: CE till last month: MD: CE current month: average PF: tamper
●
N-2 month: CE till last month: MD: CE current month: average PF: tamper
●
N-3 month: CE till last month: MD: CE current month: average PF: tamper
●
N-4 month: CE till last month: MD: CE current month: average PF: tamper
●
N-5 month: CE till last month: MD: CE current month: average PF: tamper
●
N-6 month: CE till last month: MD: CE current month: average PF: tamper
●
CE duplicate copy with CRC
●
Count for cumulative energy overflow
●
Power-down date and time.
Where N is the current month:
●
All parameters are logged for a total of 7 months including one current and the last 6
months
●
In current month log, data is updated at day end and on power-down
●
Total cumulative energy log is updated half-hourly
●
Month serial order is updated at 24:00 hrs of last date of each calendar month.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com