Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1524 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM1524
Description  This document describes the functions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1524 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM1524 Datasheet HTML 27Page - STMicroelectronics UM1524 Datasheet HTML 28Page - STMicroelectronics UM1524 Datasheet HTML 29Page - STMicroelectronics UM1524 Datasheet HTML 30Page - STMicroelectronics UM1524 Datasheet HTML 31Page - STMicroelectronics UM1524 Datasheet HTML 32Page - STMicroelectronics UM1524 Datasheet HTML 33Page - STMicroelectronics UM1524 Datasheet HTML 34Page - STMicroelectronics UM1524 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Resistors
R2
1 M
Ω
SMD0805
Any
R3,R8,R11,R1
7,R18,R20,R2
1,R27,R33,R3
4,R35,R42,R4
3,R44,R46,R4
7,R49
0
SMD0805
Any
R4,R10,R14,R
19
1 k
Ω
SMD0805
Any
R5
6,8
Ω
SMD0805
Any
R6
5,1
Ω
SMD0805
Any
R7
42.2 k
Ω
SMD0805
Any
R9,R15
2 M
Ω
SMD0805
Any
R12
100
Ω
SMD0805
Any
R16
2.2 k
Ω
SMD0805
Any
R22,R41
100 k
SMD0805
Any
R23,R24,R25
261 k
Ω
SMD1206
Any
R26
475
SMD0805
Any
R28
82, 2W
Leaded
Yageo
RSF200JB-82R
Digi-Key
82W-2-ND
R29
15 k
Ω
SMD0805
Any
R30
22 k
Ω
SMD0805
Any
R31
47
Ω
SMD0805
Any
R38
5,1
Ω
SMD0805
Any
R39
10E, 2W
Leaded
Vishay/BC
Components
PR02000201500JR5
00
Digi-Key
PPC150W-2CT-ND
Table 13.
BOM list (continued)
Category
Reference
designator
Component
description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part
number
Supplier
Supplier ordering
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com