Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2511 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 9Page - STMicroelectronics AN2511 Datasheet HTML 10Page - STMicroelectronics AN2511 Datasheet HTML 11Page - STMicroelectronics AN2511 Datasheet HTML 12Page - STMicroelectronics AN2511 Datasheet HTML 13Page - STMicroelectronics AN2511 Datasheet HTML 14Page - STMicroelectronics AN2511 Datasheet HTML 15Page - STMicroelectronics AN2511 Datasheet HTML 16Page - STMicroelectronics AN2511 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
AN2511
PMBus commands and source code
Doc ID 13286 Rev 2
13/43
Table 7.
VOUT_COMMAND
Command name
VOUT_COMMAND
Command code
21h
Description
VOUT_COMMAND is used to set the output
voltage, in volts (linear format).
SMBus transaction type
Read/ Write word
Number of data bytes
2
Table 8.
VOUT_MAX
Command name
VOUT_MAX
Command code
24h
Description
The VOUT_ MAX command sets an upper limit
on the output voltage the unit can command
regardless of any other commands or
combinations.
SMBus transaction type
Read/ Write word
Number of data bytes
2
Table 9.
VOUT_MARGIN_HIGH
Command name
VOUT_MARGIN_HIGH
Command code
25h
Description
This VOUT_MARGIN_HIGH command loads the
unit with the voltage to which the output is to be
changed when the OPERATION command is set
to "Margin High".
SMBus transaction type
Read/ Write word
Number of data bytes
2
Table 10.
VOUT_MARGIN_LOW
Command name
VOUT_MARGIN_LOW
Command code
26h
Description
This VOUT_MARGIN_LOW command loads the
unit with the voltage to which the output is to be
changed when the OPERATION command is set
to "Margin Low".
SMBus transaction type
Read/ Write word
Number of data bytes
2
Table 11.
VOUT_OV_WARN_LIMIT
Command name
VOUT_OV_WARN_LIMIT
Command code
42h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com