Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2511 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 25Page - STMicroelectronics AN2511 Datasheet HTML 26Page - STMicroelectronics AN2511 Datasheet HTML 27Page - STMicroelectronics AN2511 Datasheet HTML 28Page - STMicroelectronics AN2511 Datasheet HTML 29Page - STMicroelectronics AN2511 Datasheet HTML 30Page - STMicroelectronics AN2511 Datasheet HTML 31Page - STMicroelectronics AN2511 Datasheet HTML 32Page - STMicroelectronics AN2511 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
AN2511
PMBus demonstration board
Doc ID 13286 Rev 2
29/43
runs using the resonator clock (16 MHz). If the jumper is connected between pins
2 and 3 then the application is stopped and ST7 MCU can be re-programmed.
d)
JP4: JP4 is used to select the power supply as described below. From the JP4
side, if the jumper is connected between pins 2 and 3 then the application runs
using the direct supply given from `POWER' connector. If the jumper is connected
between pins 1 and 2 then the application runs using the DC adapter supply given
from J1.
2.
Power settings: The demonstration board can be powered by one of the following
options:
a)
DC adapter: Connect a DC adapter to J1. The DC adapter should supply a
minimum of 7 V and maximum of 18 V, 1 A. This supply is regulated to 5 V supply
using an L7805 regulator.
b)
Regulated supply: The user can use a direct 3 V to 5 V supply. The supply and
Gnd points should be connected to the `POWER' connector pins 1 and 2. Here,
`POWER' connector pin 1 is referred from the JP4 jumper side (from the right
side).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com