Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2511 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 28Page - STMicroelectronics AN2511 Datasheet HTML 29Page - STMicroelectronics AN2511 Datasheet HTML 30Page - STMicroelectronics AN2511 Datasheet HTML 31Page - STMicroelectronics AN2511 Datasheet HTML 32Page - STMicroelectronics AN2511 Datasheet HTML 33Page - STMicroelectronics AN2511 Datasheet HTML 34Page - STMicroelectronics AN2511 Datasheet HTML 35Page - STMicroelectronics AN2511 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Using the demonstration board
AN2511
32/43
Doc ID 13286 Rev 2
6.1.6
Continuous read mode
The user can press 0 to read all PMBus commands. The lists of supported commands are
shown in the following figure.
Figure 16.
Continuous read operation
Command codes 0xD0, 0xD1 and 0xD2 are not supported in continuous read mode. If the
user wants to read these commands, they can be read by using single read mode.
6.1.7
Write mode
The user can press 2 to select write mode. After the following figure appears, the user can
enter any command code with reference to Section 2.1 on page 8 to write byte/ word/ block
of data.
Figure 17.
Write mode command code entry message from hyperterminal
Then the user can enter any command code with reference to Section 4 to write byte/ word/
block of data. The user can enter data after the following message.
Figure 18.
Write mode data entry message from hyperterminal
Data should be entered in hex format. If the user wants to enter date/ serial numbers, they
should be entered in ASCII format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com