Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2511 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 18Page - STMicroelectronics AN2511 Datasheet HTML 19Page - STMicroelectronics AN2511 Datasheet HTML 20Page - STMicroelectronics AN2511 Datasheet HTML 21Page - STMicroelectronics AN2511 Datasheet HTML 22Page - STMicroelectronics AN2511 Datasheet HTML 23Page - STMicroelectronics AN2511 Datasheet HTML 24Page - STMicroelectronics AN2511 Datasheet HTML 25Page - STMicroelectronics AN2511 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
PMBus commands and source code
AN2511
22/43
Doc ID 13286 Rev 2
3.3
Example
This section explains how to use the PMBus driver. An example operation of write/ read
commands are shown.
/*****************************************************************************
COPYRIGHT 2005 STMicroelectronics
Source File Name : Main.c
Group
: IMS Systems Lab
Author
: Telecom Team
Date First Issued: 01/09/2006
-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-
THE SOFTWARE INCLUDED IN THIS FILE IS FOR GUIDANCE ONLY. STMicroelectronics
SHALL NOT BE HELD LIABLE FOR ANY DIRECT, INDIRECT OR CONSEQUENTIAL
DAMAGES WITH RESPECT TO ANY CLAIMS ARISING FROM USE OF THIS SOFTWARE.
-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-
********************************Documentation**********************************
General Purpose - Contains main source code. In this file, the PMBus command files
are written.
******************************************************************************/
#include "ST7_config.h"
/* Fcpu defined as 8MHz */
#include "main.h"
/* Contains the global variables used in main.c */
#include "ST7_hr.h"
/* Contains the register and flags for ST7 */
extern volatile unsigned int SMB_TimeCount;
/* Time count variable */
#pragma space extern [] @tiny
/* To force following variables into short
addressing memory */
extern unsigned char Data_Buff [32] ;
/* Buffer to store data */
/* Variables to differentiate the different SMBus transaction types */
extern volatile unsigned char SMBus_Mode ;
extern volatile unsigned char SMB_Err_Status ;
/* Error status */
/* Master to address slave with this
address */
static volatile unsigned char PMBus_SlaveAdd = 0x80;
/* Master to address slave with this
address */
static volatile unsigned char PMBus_SlaveAdd = 0x80;
/*-----------------------------------------------------------------------------
ROUTINE NAME : Main
INPUT
: None
OUTPUT
: None
DESCRIPTION
: Using this file, user can write/ read PMBus commands.
COMMENTS
: Programs jumpts into this routine when microcontroller is reset
-----------------------------------------------------------------------------*/
void main()
{
unsigned char temp ;
SMBs_Address_t PMBus_Err ;
/* To check errors in PMBus communication */
/*----------------------- Port A configuration ----------------------------*/
PADDR &= (unsigned char)~PORTA_DEFAULT;
PADDR = PORTA_DEFAULT ;
/* Other pins configured as floating input */
PAOR = (unsigned char)(PORTA_DEFAULT) ;
/*----------------------- Port C configuration ----------------------------*/
PCDDR = CONTROL ;
/* PC0 floating input, others push pull output */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com