Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2511 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 24Page - STMicroelectronics AN2511 Datasheet HTML 25Page - STMicroelectronics AN2511 Datasheet HTML 26Page - STMicroelectronics AN2511 Datasheet HTML 27Page - STMicroelectronics AN2511 Datasheet HTML 28Page - STMicroelectronics AN2511 Datasheet HTML 29Page - STMicroelectronics AN2511 Datasheet HTML 30Page - STMicroelectronics AN2511 Datasheet HTML 31Page - STMicroelectronics AN2511 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
PMBus demonstration board
AN2511
28/43
Doc ID 13286 Rev 2
Figure 7.
Baud rate configuration
4.
Configure the following settings in hyperterminal: File -> Properties -> Settings ->
ASCII setup
Figure 8.
Hyperterminal settings - ASCII setup configuration
5.
Press call in hyperterminal to establish a connection with the board.
5.3
Hardware setup
To configure the hardware board, the user should follow these steps:
1.
Jumper settings: There are four jumpers (JP1, JP2, JP3 and JP4) available on the
board. The detail of these connectors is as follows:
a)
JP1: JP1 pins should be connected using the jumper if there is no pull-up
connected in the clock line of the I2C bus. Once connected, the I2C clock line is
pulled up with a resistor value of 4.7 k
Ω.
b)
JP2: JP2 pins should be connected using the jumper if there is no pull-up
connected in the data line of the I2C bus. Once connected, the I2C data line is
pulled up with a resistor value of 4.7 k
Ω.
c)
JP3: JP3 is used to select the clock source for the ST7 microcontroller. From the
JP3 side, if the jumper is connected between pins 1 and 2 then the application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com