Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2747 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 17Page - STMicroelectronics AN2747 Datasheet HTML 18Page - STMicroelectronics AN2747 Datasheet HTML 19Page - STMicroelectronics AN2747 Datasheet HTML 20Page - STMicroelectronics AN2747 Datasheet HTML 21Page - STMicroelectronics AN2747 Datasheet HTML 22Page - STMicroelectronics AN2747 Datasheet HTML 23Page - STMicroelectronics AN2747 Datasheet HTML 24Page - STMicroelectronics AN2747 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AN2747
ST7LITE39 microcontroller
21/44
5
ST7LITE39 microcontroller
The ST7LITE3 is a member of the ST7 microcontroller family of products. All ST7s are
based on a common 8-bit core, able to run up to 8 MHz clock frequency. Enhanced
instructions like an 8x8-bit unsigned multiplication and indirect addressing allow good
efficiency and a compact application code.
Figure 17.
ST7FLIT3xB general block diagram
The MCU main characteristics are:
internal RC oscillator with 1% precision at 8 MHz CPU frequency
seven input channels 10-bit resolution A/D converter with 3.5 s of conversion time
two 8-bit lite timers with prescaler
two12-bit auto-reload timers with 4 independent PWM outputs and programmable dead
time generation
8 Kbytes flash program memory
384 bytes RAM
256 bytes data EEPROM
SPI and SCI communication interfaces
Figure 18 shows the ST7FLITE39 pinout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com