Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2747 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 24Page - STMicroelectronics AN2747 Datasheet HTML 25Page - STMicroelectronics AN2747 Datasheet HTML 26Page - STMicroelectronics AN2747 Datasheet HTML 27Page - STMicroelectronics AN2747 Datasheet HTML 28Page - STMicroelectronics AN2747 Datasheet HTML 29Page - STMicroelectronics AN2747 Datasheet HTML 30Page - STMicroelectronics AN2747 Datasheet HTML 31Page - STMicroelectronics AN2747 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
TS272 high-performance CMOS dual operational amplifiers
AN2747
28/44
7
TS272 high-performance CMOS dual operational
amplifiers
The TS272 devices are low cost, dual operational amplifiers designed to operate with single
or dual supplies. These operational amplifiers use the ST silicon gate CMOS process
allowing an excellent consumption-speed ratio. These series are ideally suited for low-
consumption applications.
Figure 28.
Pinout
The main characteristics of this device are:
●
output voltage can swing to ground
●
excellent phase margin on capacitive loads
●
gain bandwidth product: 3.5 MHz
●
stable and low offset voltage
●
three input offset voltage selections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com