Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2747 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 19Page - STMicroelectronics AN2747 Datasheet HTML 20Page - STMicroelectronics AN2747 Datasheet HTML 21Page - STMicroelectronics AN2747 Datasheet HTML 22Page - STMicroelectronics AN2747 Datasheet HTML 23Page - STMicroelectronics AN2747 Datasheet HTML 24Page - STMicroelectronics AN2747 Datasheet HTML 25Page - STMicroelectronics AN2747 Datasheet HTML 26Page - STMicroelectronics AN2747 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
AN2747
ST7LITE39 microcontroller
23/44
Pin 3: reset pin
Figure 20.
Pin usage and reset circuit
Pin 4: ADC channel 0 analog input, to measure the main DC bus voltage (VBUS). A
resistor partition is used to obtain, starting from a +400 V of bus a maximum of 5 V,
compatible with the MCU voltage input, see Figure 23.
Figure 21.
Vbus measurement circuit
Pin 5: ADC analog input 1: not used
Pin 6: ADC analog input 2: This pin is used to measure the lamp voltage. In Figure 23
there are two nets. The first one is a partitioning circuit composed of resistors R118-
R114, the other one composed of R117-R116. The voltage across the capacitors C114
and C115 is used as input of U4a to obtain a signal compatible with the MCU input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com