Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2747 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 27Page - STMicroelectronics AN2747 Datasheet HTML 28Page - STMicroelectronics AN2747 Datasheet HTML 29Page - STMicroelectronics AN2747 Datasheet HTML 30Page - STMicroelectronics AN2747 Datasheet HTML 31Page - STMicroelectronics AN2747 Datasheet HTML 32Page - STMicroelectronics AN2747 Datasheet HTML 33Page - STMicroelectronics AN2747 Datasheet HTML 34Page - STMicroelectronics AN2747 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
AN2747
Lamp data
31/44
10
Lamp data
The lamp data are given below and each is valid for the corresponding operating phase.
●
Ignition phase: The ignition voltage in case of a cold lamp is about 4-5 kV. The ignition
voltage increases with lamp temperature. The ignition voltage in case of a hot re-strike
can reach 25 kV. The circuit is not designed to supply this very high voltage pulse.
●
Warm-up phase: During this phase a high warm-up current must be supplied (30%
higher than nominal current) to prevent lamp turnoff. The lamp voltage increases
gradually starting from a quarter of nominal lamp voltage up to the nominal value. The
warm-up time is about 2 minutes. For a 250 W metal halide lamp a current of 3.2 amps
is applied.
●
Burn phase: The lamp is designed to be driven with a low frequency square wave AC
current to avoid acoustic resonance of the electric arc. Acoustic resonance occurs
approximately in the frequency domain: 1 kHz - 1 MHz. Some frequency ranges free of
acoustic resonance exist. The commutating frequency of the full bridge should be
limited to the domain: 50 Hz - 10 kHz to avoid any risk of acoustic resonance. In this
application the commutating frequency of 160 Hz has been chosen. This frequency has
been chosen in order to avoid a flickering effect. For frequencies higher than 130 Hz
eye sensitivity is practically zero. In Figure 31 a diagram of eye sensitivity is shown.
Figure 31.
Eye sensitivity versus frequency
The nominal lamp voltage is approximately 100 V and the nominal lamp power is 250 W.
The differential resistance of the lamp is small and negative. To obtain a stable operating
point, impedance in series with the lamp is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com