Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2747 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 28Page - STMicroelectronics AN2747 Datasheet HTML 29Page - STMicroelectronics AN2747 Datasheet HTML 30Page - STMicroelectronics AN2747 Datasheet HTML 31Page - STMicroelectronics AN2747 Datasheet HTML 32Page - STMicroelectronics AN2747 Datasheet HTML 33Page - STMicroelectronics AN2747 Datasheet HTML 34Page - STMicroelectronics AN2747 Datasheet HTML 35Page - STMicroelectronics AN2747 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
PFC section design criteria
AN2747
32/44
11
PFC section design criteria
For PFC design criteria see AN 1875.
12
Full bridge design criteria
The design of full bridge section involves the inductor (buck) component and device
selection.
12.0.1
Inductor design
The design specs are:
1.
lamp current
2.
lamp ripple current
3.
lamp voltage
4.
lamp ripple voltage
The design steps are summarized below:
1.
Fix the switching frequency fs and consequently the period Ts also is fixed. This
frequency for power application is in the range 20 kHz ÷ 100 kHz
2.
Fix the duty cycle estimation
δ as
3.
Fix the current ripple in the inductor L
4.
Calculate the inductance value using the relation:
Equation 9
For the inductance calculation:
●
fs = 40 kHz, Ts = 25 s
●
Vlamp =100 V
●
Vbus = 400 V
●
δ = 0.25
●
∆I = 2 A
Using these parameters the inductance value is 0.93 mH. For this project an inductance of
0.8 mH is used.
12.1
Filter capacitor
To calculate the capacitor value that is in parallel to the lamp, the max current lamp ripple
must be considered. The lamp current ripple must be limited in order to avoid acoustic
resonance. In this application the current ripple was fixed at
∆Ilamp ± 5% of nominal current
δ
V
out
V
input
---------------
V
lamp
V
bus
---------------
=
=
L
V
lamp
1
δ
–
() T
s
⋅⋅
I
∆
-----------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com