Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2865 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2865
Description  STUSBCD01B configuration and operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2865 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2865 Datasheet HTML 5Page - STMicroelectronics AN2865 Datasheet HTML 6Page - STMicroelectronics AN2865 Datasheet HTML 7Page - STMicroelectronics AN2865 Datasheet HTML 8Page - STMicroelectronics AN2865 Datasheet HTML 9Page - STMicroelectronics AN2865 Datasheet HTML 10Page - STMicroelectronics AN2865 Datasheet HTML 11Page - STMicroelectronics AN2865 Datasheet HTML 12Page - STMicroelectronics AN2865 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AN2865
Current sink detection method
Doc ID 15283 Rev 1
9/17
The DM check during phase 1 is needed to ensure that PS2 to USB adapters, pulling the
DM line high, are not recognized as chargers. If a PS2 port is recognized as a charger, the
high current drawn during the charging process could damage old PC motherboards which
is why the detection is stopped if the DM line is high during this phase.
On the other hand, if DM is low during phase 1, phase 2 is entered. If a dedicated charging
port is connected to the DP/DM lines, the voltage source connected to the DP line pulls the
DM line over the VDAT_REF threshold because of the short-circuit between DP and DM inside
the charging port. The same happens when a charging host port is connected. After
detecting the VDAT_SRC voltage on the DP line, the charging host port connects a voltage
source to the DM line which exceeds the VDAT_REF threshold.
Both ports allow the detection to be successful.
On the other hand, if a standard host port is connected to the DP-DM lines, the DM voltage
during phase 2 is always low because of the pull-down resistor connected to it. This causes
the detection to fail.
The maximum value of RDCHG_DAT recognized as a charger can be easily calculated:
VDAT_SRC minus the voltage drop on the series R1+R2+ RDCHG_DAT must not go below
VDAT_REF. The worst-case conditions are obtained using the minimum value of VDAT_SRC
and (R1+R2) and the maximum value for VDAT_REF and IDAT_SINK:
Equation 1
VDAT_SRC(min) - IDAT_SINK(max)(R1+R2+RDCHG_DAT) > VDAT_REF(max)
Therefore,
Equation 2
RDCHG_DAT < [(VDAT_SRC(min) - VDAT_REF(max))/IDAT_SINK(max)]- (R1+R2)(max)
Considering 1% tolerance for R1 and R2 (470
Ω nominal) and min/max values taken from
the USB battery charging specification and the STUSBCD01B datasheet, we obtain:
Equation 3
RDCHG_DAT < [(0.615-0.34)/(100*10-6)]-(470*2*1.01) = 1800.6 Ω
Figure 5.
STUSBCD01B current sink method applied to a dedicated charger
DP
DM
V
DAT_REF
I
DAT_SINK
V
DAT_SRC
Phase 1
STUSBCD01
DP
DM
V
DAT_REF
I
DAT_SINK
V
DAT_SRC
Phase 2
STUSBCD01
LOW
LOW
HIGH
HIGH
Dedicated
Charger
I = 0
Dedicated
Charger
I =
I
DAT_SINK
R1
R1
R2
R2
DP
DM
V
DAT_REF
I
DAT_SINK
V
DAT_SRC
Phase 1
STUSBCD01
DP
DM
V
DAT_REF
I
DAT_SINK
V
DAT_SRC
Phase 2
STUSBCD01
LOW
LOW
HIGH
HIGH
Dedicated
Charger
I = 0
Dedicated
Charger
I =
I
DAT_SINK
R1
R1
R2
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com