Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2865 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2865
Description  STUSBCD01B configuration and operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2865 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2865 Datasheet HTML 9Page - STMicroelectronics AN2865 Datasheet HTML 10Page - STMicroelectronics AN2865 Datasheet HTML 11Page - STMicroelectronics AN2865 Datasheet HTML 12Page - STMicroelectronics AN2865 Datasheet HTML 13Page - STMicroelectronics AN2865 Datasheet HTML 14Page - STMicroelectronics AN2865 Datasheet HTML 15Page - STMicroelectronics AN2865 Datasheet HTML 16Page - STMicroelectronics AN2865 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Software detection and hardware detection
AN2865
14/17
Doc ID 15283 Rev 1
6
Software detection and hardware detection
If the battery voltage is not high enough to wake up the application controller but is higher
than 2.2 V, the STUSBCD01B can perform an automatic detection to allow the user to start
charging the battery and make its voltage reach a value which will wake up the ASIC. This
automatic detection is called hardware detection while the ASIC controlled detection is
referred to as software detection.
When the ASIC wakes up, the result of the hardware detection is available until the
STUSBCD01B is reset.
The hardware detection mode is automatically entered when the VIO voltage is not available.
In this mode of operation all VIO referred inputs are ignored and the detection method is set
using the default method pin as described in Table 1 on page 5.
As in the software detection mode, the start of the detection process is triggered by the
VBUS voltage going high. If the detection fails but the VBUS voltage is still present, a new
detection is performed once per second in an infinite loop as shown in the simplified
flowchart in figure 9. This periodic detection is stopped only if:
– the detection result is positive;
–the VBUS voltage drops under the VTH_VBUS threshold;
–the VIO voltage goes high.
Figure 9.
HW/SW detection flowchart
V
BUS goes
HIGH
Is V
IO High?
SW
detection
Yes
End
No
HW
detection
Is DET(*)
High?
Yes
End
Start
1s timer
Yes
Timer expired
Or V
IO high?
Yes
No
(*) DET = Detect. High if charger detected
V
BUS goes
HIGH
Is V
IO High?
SW
detection
Yes
End
No
HW
detection
Is DET(*)
High?
Yes
End
Start
1s timer
Yes
Timer expired
Or V
IO high?
Yes
No
(*) DET = Detect. High if charger detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com