Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2865 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2865
Description  STUSBCD01B configuration and operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2865 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2865 Datasheet HTML 8Page - STMicroelectronics AN2865 Datasheet HTML 9Page - STMicroelectronics AN2865 Datasheet HTML 10Page - STMicroelectronics AN2865 Datasheet HTML 11Page - STMicroelectronics AN2865 Datasheet HTML 12Page - STMicroelectronics AN2865 Datasheet HTML 13Page - STMicroelectronics AN2865 Datasheet HTML 14Page - STMicroelectronics AN2865 Datasheet HTML 15Page - STMicroelectronics AN2865 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Dedicated charger detection method
AN2865
12/17
Doc ID 15283 Rev 1
Equation 8
R2 < (VDM_SRC(min) - VDAT_REF(max))/(IDAT_SINK(max))
Equation 9
R2(max) = (0.5 - 0.34)/(100*10-6) = 1600 Ω
This result is consistent with the value in Equation 6 on page 10.
In the case of a dedicated charger, the maximum DP/DM short resistance which is detected
as a charger can be calculated as follows. During phase 1, the value is not significant as
IDAT_SINK is off, therefore the resistor series (R1 + RDCHG_DAT + R2) is connected to a high
voltage on the DP side and is floating on the DM side. The voltage is high on both sides.
During phase one, the DM voltage is equal to the voltage drop over IDAT_SINK. This current
sink is designed to have a maximum voltage drop, while in operation, of 150 mV. This value
is lower than VDAT_REF so it is not critical. In order for the detection to be successful, the DP
line must also be low during phase 2:
Equation 10
VIDAT_SINK(max) + IDAT_SINK(max)*[RDCHG_DAT + (R1 + R2)(max)] < VTHDPL(min)
Equation 11
RDCHG_DAT < [(VTHDPL(min) - VIDAT_SINK(max))/IDAT_SINK(max)] - (R1 + R2)(max)
Considering 1% tolerance for R1 and R2 (470
Ω nominal) we obtain:
Equation 12
RDCHG_DAT(max) = [0.6 - 0.15)/ (100*10-6)] - (470*2*1.01) = 3550.6 Ω
This result is higher than the one found in Equation 3 on page 9 for the current sink method.
The actual result is even higher than this because in the above calculation we have
considered a maximum value for the current flowing in the resistors higher than the real one.
In fact, having two different current sources on the same branch causes the current to be set
to the value of the weak current source (max 30 µA).
This shows that both methods are quite robust and there is sufficient margin in the choice of
the R1 and R2 resistor values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com