Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2865 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2865
Description  STUSBCD01B configuration and operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2865 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2865 Datasheet HTML 1Page - STMicroelectronics AN2865 Datasheet HTML 2Page - STMicroelectronics AN2865 Datasheet HTML 3Page - STMicroelectronics AN2865 Datasheet HTML 4Page - STMicroelectronics AN2865 Datasheet HTML 5Page - STMicroelectronics AN2865 Datasheet HTML 6Page - STMicroelectronics AN2865 Datasheet HTML 7Page - STMicroelectronics AN2865 Datasheet HTML 8Page - STMicroelectronics AN2865 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AN2865
Application circuit
Doc ID 15283 Rev 1
5/17
The external resistors are very important to guarantee proper operation:
– The R1 and R2 series resistors are needed to mask the DP/DM pins’ parasitic
capacitance which is seen on the bus during high-speed USB communication.
Removing these resistors might lead to degradation of USB high-speed signal quality
and eye pattern failure. A value of 470
Ω is suggested in order to have optimal
performance;
– The R3 resistor is required for the VBUS clamping feature. If a value of 470 Ω is used,
the VBUS pin voltage (node A) never exceeds 6 V when USB VBUS voltages up to 10 V
are applied (node B). Every device needing overvoltage protection must be
connected to the VBUS pin of the STUSBCD01B as shown in Figure 1: STUSBCD01B
application circuit (node A). Bus-powered devices cannot take advantage of this
clamping feature because high currents drawn from the USB VBUS voltage would
cause a voltage drop over the R3 resistor. If this voltage drop is too high, the device's
VBUS comparators would read a false VBUS level which might lead to malfunctioning.
It is therefore strongly recommended to connect bus-powered USB devices directly to
the USB receptacle's VBUS line (node B).
Table 1.
STUSBCD01B operating modes
VBAT
VIO
VBUS
Shutdown
Status/method
pin
Default method
pin
Operating mode
< 2.2 V
-
-
-
-
-
Power down
> 2.2 V
Not
present
Not
present
-
-
-
Standby (no SW control)
> 2.2 V
Not
present
Present
-
-
VBAT
Active, HW detection,
current sink method
> 2.2 V
Not
present
Present
-
-
GND
Active, HW detection,
dedicated method
> 2.2 V
Present
Present
VIO
-
-
Standby (SW control)
> 2.2 V
Present
Not
present
-
-
-
Standby (SW control)
> 2.2 V
Present
Present
GND
VIO
(1)
-
Active, SW detection,
current sink method
> 2.2 V
Present
Present
GND
GND(1)
-
Active, SW detection,
dedicated method
1.
The level of the Status/Method pin is read and latched on the falling edge of the shutdown input signal. When detection is
finished, this pin becomes output.
SW = Software: HW = Hardware; “-” = Don't Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com