Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2865 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2865
Description  STUSBCD01B configuration and operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2865 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2865 Datasheet HTML 7Page - STMicroelectronics AN2865 Datasheet HTML 8Page - STMicroelectronics AN2865 Datasheet HTML 9Page - STMicroelectronics AN2865 Datasheet HTML 10Page - STMicroelectronics AN2865 Datasheet HTML 11Page - STMicroelectronics AN2865 Datasheet HTML 12Page - STMicroelectronics AN2865 Datasheet HTML 13Page - STMicroelectronics AN2865 Datasheet HTML 14Page - STMicroelectronics AN2865 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AN2865
Dedicated charger detection method
Doc ID 15283 Rev 1
11/17
5
Dedicated charger detection method
The STUSBCD01B's current sink detection method is not able to distinguish between a
charging host port and a dedicated charger. If the result of the current sink method detection
is positive, the user may want to perform a new detection to understand what kind of charger
is connected. The dedicated charger detection method is successful only if a dedicated
charger is connected to the DP/DM lines. If the STUSBCD01B is enabled and configured to
use this method, after a stable VBUS voltage is detected, the state machine starts the
following operations:
– Phase 1: a current source (IDCH_SRC = 15 - 30 µA) is connected to the DP line. If at
the end of this phase (100 ms min), both DP and DM lines are high, the detection
proceeds to phase 2;
– Phase 2: IDAT_SINK current sink (same as in current sink method, 50 - 100 µA) is
connected to the DM line for at least 40 ms.
If at the end of phase 2 both DP and DM are low, the detection is successful and detect
and/or Status/Method outputs are pulled high.
If a standard host port is connected, the dedicated charger detection method stops at phase
1 because the pull-down resistor on the host side pulls the DM line low.
The case of a charging host port (CHP) is a little bit more complex. During phase 1, the CHP
connects the IDP_SINK current sink to the DP line. This current sink is stronger than
IDCH_SRC and therefore pulls the DP line low, causing the detection to fail (the voltage drop
over the R1 resistor is negligible because of the low current flowing in it). If for some reason
the voltage drop over IDP_SINK or R1 is higher than expected and the voltage at the
STUSBCD01B's DP pin exceeds the VDAT_REF threshold, the state machine proceeds to
phase 2 which fails because the DM line is driven high by VDM_SRC connected inside the
HCP (the DM line is expected to be low during phase 2). This scenario is shown in figure 7.
The maximum value for the R2 resistor can be easily calculated:
Equation 7
VDM_SRC(min) - R2*(IDAT_SINK(max)) > VDAT_REF(max)
Figure 7.
STUSBCD01B dedicated charger detection method applied to a charging host port
DP
DM
V
DAT_REF
I
DAT_SINK
I
DCH_SRC
STUSBCD01
R1
R2
R
PD
R
PD
V
DAT_REF
I
DP_SINK
V
DM_SRC
Charging Host Port
1.8 V
(Connected
only during
phase 2)
V
THDPL
DP
DM
V
DAT_REF
I
DAT_SINK
I
DCH_SRC
STUSBCD01
R1
R2
R
PD
R
PD
V
DAT_REF
I
DP_SINK
V
DM_SRC
Charging Host Port
1.8 V
(Connected
only during
phase 2)
V
THDPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com