Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD78F9232CS Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # PD78F9232CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9232CS Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button PD78F9232CS_15 Datasheet HTML 12Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 13Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 14Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 15Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 16Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 17Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 18Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 19Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Preliminary Product Information U18550EJ2V0PM
14
µPD78F9232CS, 78F9234CS
DC Characteristics (TA =
−40 to +85°C, VDD = 2.0 to 5.5 VNote, VSS = 0 V) (1/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Per pin
2.0 V
≤ VDD ≤ 5.5 V
–5
mA
4.0 V
≤ VDD ≤ 5.5 V
–25
mA
IOH1
Pins other than
P20 to P23
Total
2.0 V
≤ VDD < 4.0 V
–15
mA
Per pin
2.0 V
≤ AVREF ≤ 5.5 V
–5
mA
Output current, high
IOH2
P20 to P23
Total
2.0 V
≤ AVREF ≤ 5.5 V
–15
mA
Per pin
2.0 V
≤ VDD ≤ 5.5 V
10
mA
4.0 V
≤ VDD ≤ 5.5 V
30
mA
IOL1
Pins other than
P20 to P23
Total
2.0 V
≤ VDD < 4.0 V
15
mA
Per pin
2.0 V
≤ AVREF ≤ 5.5 V
10
mA
4.0 V
≤ AVREF ≤ 5.5 V
30
mA
Output current, low
IOL2
P20 to P23
Total
2.0 V
≤ AVREF < 4.0 V
15
mA
VIH1
P00 to P03, P30 to P34, P40 to P47, P120, P123
0.8VDD
VDD
V
VIH2
P20 to P23
0.7AVREF
AVREF
V
Input voltage, high
VIH3
P121, P122
0.8VDD
VDD
V
VIL1
P00 to P03, P30 to P34, P40 to P47, P120, P123
0
0.2VDD
V
VIL2
P20 to P23
0
0.3AVREF
V
Input voltage, low
VIL3
P121, P122
0
0.2VDD
V
Total of pins other than
P20 to P23
IOH1 = –15 mA
4.0 V
≤ VDD ≤ 5.5 V
IOH1 = –5 mA
VDD
− 1.0
V
VOH1
IOH1 = –100
µA
2.0 V
≤ VDD < 4.0 V
VDD – 0.5
V
Total of pins P20 to P23
IOH2 = –10 mA
4.0 V
≤ AVREF ≤ 5.5 V
IOH2 = –5 mA
AVREF – 1.0
V
Output voltage, high
VOH2
2.0 V
≤ AVREF < 4.0 V
IOH2 = –100
µA
AVREF – 0.5
V
Total of pins other than
P20 to P23
IOL1 = 30 mA
4.0 V
≤ VDD ≤ 5.5 V
IOL1 = 10 mA
1.3
V
VOL1
2.0 V
≤ VDD < 4.0 V
IOL1 = 400
µA
0.4
V
Total of pins P20 to P23
IOL2 = 30 mA
4.0 V
≤ AVREF ≤ 5.5 V
IOL2 = 10 mA
1.3
V
Output voltage, low
VOL2
2.0 V
≤ AVREF < 4.0 V IOL2 = 400
µA
0.4
V
Input leakage current, high ILIH
VI = VDD
Pins other than X1
1
µA
Input leakage current, low
ILIL
VI = 0 V
Pins other than X1
–1
µA
Output leakage current, high ILOH
VO = VDD
Pins other than X2
1
µA
Output leakage current, low
ILOL
VO = 0 V
Pins other than X2
–1
µA
Pull-up resistance
RPU
VI = 0 V
10
30
100
k
Ω
Pull-down resistance
RPD
P121, P122, reset status
10
30
100
k
Ω
Note Use this product in a voltage range of 2.2 to 5.5 V because the detection voltage (VPOC) of the power-on-clear
(POC) circuit is 2.1 V
±0.1 V.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com