Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD78F9232CS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PD78F9232CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9232CS Datasheet(HTML) 3 Page - Renesas Technology Corp

  PD78F9232CS_15 Datasheet HTML 1Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 2Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 3Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 4Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 5Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 6Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 7Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 8Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
The information contained in this document is being issued in advance of the production cycle for the
product. The parameters for the product may change before final production or NEC Electronics
Corporation, at its own discretion, may withdraw the product prior to its production.
Not all products and/or types are availabe in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
2006
MOS INTEGRATED CIRCUIT
µPD78F9232CS, 78F9234CS
8-BIT SINGLE-CHIP MICROCONTROLLERS
Document No. U18550EJ2V0PM00 (2nd edition)
Date Published June 2007 NS CP(K)
Printed in Japan
PRELIMINARY PRODUCT INFORMATION
The
µ PD78F9232CS, 78F9234CS are 8-bit single-chip microcontrollers of the 78K0S microcontrollers.
These microcontrollers feature Single-voltage Self-programming Flash memory and many peripherals.
Detailed function descriptions are provided in the following user's manuals. Be sure to read them before
designing.
78K0S/KB1+ User’s Manual:
U17446E
78K/0S Series Instruction User's Manual:
U11047E
FEATURES
Minimum instruction execution time selectable from high speed (0.2
µs) to low speed (3.2 µs) (with CPU clock of
10 MHz)
General-purpose registers: 8 bits
× 8 registers
ROM and RAM capacities
Item
Part number
Program Memory (Flash Memory)
Memory (Internal High-Speed RAM)
µPD78F9232CS
4 KB
µPD78F9234CS
8 KB
256 bytes
On-chip power-on clear (POC) circuit and low voltage detector (LVI)
On-chip watchdog timer (operable on internal low-speed internal oscillator clock)
I/O ports: 26
Timer: 4 channels
• 16-bit timer/event counter: 1 channel
• 8-bit timer:
2 channels
• Watchdog timer:
1 channel
Serial interface: UART (LIN (Local Interconnect Network) bus supported) 1 channel
Multiplier: 8 bits
× 8 bits = 16 bits
10-bit resolution A/D converter: 4 channels
Supply voltage: VDD = 2.0 to 5.5 V
Note
Operating temperature range: TA =
−40 to +85°C
Note Use this product in a voltage range of 2.2 to 5.5 V because the detection voltage (VPOC) of the power-on
clear (POC) circuit is 2.1 V
±0.1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com