Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD78F9232CS Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # PD78F9232CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9232CS Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button PD78F9232CS_15 Datasheet HTML 17Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 18Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 19Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 20Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 21Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 22Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 23Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 24Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Preliminary Product Information U18550EJ2V0PM
19
µ PD78F9232CS, 78F9234CS
A/D Converter Characteristics (TA =
−40 to +85°C, 2.7 V ≤ AVREF ≤ VDD ≤ 5.5 V, VSS = AVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
10
10
10
bit
4.0 V
≤ AVREF ≤ 4.5 V
±0.2
±0.4
%FSR
Overall error
Notes 1, 2
AINL
2.7 V
≤ AVREF < 4.0 V
±0.3
±0.6
%FSR
4.5 V
≤ AVREF ≤ 5.5 V
3.0
100
µs
4.0 V
≤ AVREF < 4.5 V
4.8
100
µs
2.85 V
≤ AVREF < 4.0 V
6.0
100
µs
Conversion time
tCONV
2.7 V
≤ AVREF < 2.85 V
14.0
100
µs
4.0 V
≤ AVREF ≤ 5.5 V
±0.4
%FSR
Zero-scale error
Notes 1, 2
Ezs
2.7 V
≤ AVREF < 4.0 V
±0.6
%FSR
4.0 V
≤ AVREF ≤ 5.5 V
±0.4
%FSR
Full-scale error
Notes 1, 2
Efs
2.7 V
≤ AVREF < 4.0 V
±0.6
%FSR
4.0 V
≤ AVREF ≤ 5.5 V
±2.5
LSB
Integral non-linearity error
Note 1
ILE
2.7 V
≤ AVREF < 4.0 V
±4.5
LSB
4.0 V
≤ AVREF ≤ 5.5 V
±1.5
LSB
Differential non-linearity error
Note 1
DLE
2.7 V
≤ AVREF < 4.0 V
±2.0
LSB
Analog input voltage
VAIN
VSS
AVREF
V
Notes 1.
Excludes quantization error (
±1/2 LSB).
2.
This value is indicated as a ratio (%FSR) to the full-scale value.
Caution
The conversion accuracy may be degraded if the level of a port that is not used for A/D conversion
is changed during A/D conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com