Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD78F9232CS Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # PD78F9232CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9232CS Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button PD78F9232CS_15 Datasheet HTML 19Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 20Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 21Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 22Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 23Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 24Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 25Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 26Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Preliminary Product Information U18550EJ2V0PM
21
µ PD78F9232CS, 78F9234CS
LVI Circuit Characteristics (TA =
−40 to +85°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VLVI0
4.1
4.3
4.5
V
VLVI1
3.9
4.1
4.3
V
VLVI2
3.7
3.9
4.1
V
VLVI3
3.5
3.7
3.9
V
VLVI4
3.3
3.5
3.7
V
VLVI5
3.15
3.3
3.45
V
VLVI6
2.95
3.1
3.25
V
VLVI7
2.7
2.85
3.0
V
VLVI8
2.5
2.6
2.7
V
Detection voltage
VLVI9
2.25
2.35
2.45
V
Response time
Note 1
tLD
0.2
2.0
ms
Minimum pulse width
tLW
0.2
ms
Operation stabilization wait time
Note 2
tLWAIT
0.1
0.2
ms
Notes 1.
Time required from voltage detection to interrupt output or internal reset signal generation.
2.
Time required from setting LVION to 1 to operation stabilization.
Remarks 1. VLVI0 > VLVI1 > VLVI2 > VLVI3 > VLVI4 > VLVI5 > VLVI6 > VLVI7 > VLVI8 > VLVI9
2. VPOC < VLVIm (m = 0 to 9)
LVI Circuit Timing
Supply voltage
(VDD)
Detection voltage (MIN.)
Detection voltage (TYP.)
Detection voltage (MAX.)
tLW
tLD
tLWAIT
LVION
1
Time
Data Memory STOP Mode Low Supply Voltage Data Retention Characteristics (TA =
−40 to +85°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Data retention supply voltage
VDDDR
2.0
5.5
V
Release signal set time
tSREL
0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com