Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD78F9232CS Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # PD78F9232CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9232CS Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button PD78F9232CS_15 Datasheet HTML 21Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 22Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 23Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 24Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 25Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 26Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 27Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 28Page - Renesas Technology Corp PD78F9232CS_15 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Preliminary Product Information U18550EJ2V0PM
23
µ PD78F9232CS, 78F9234CS
3. PACKAGE DRAWING
32-PIN PLASTIC SDIP (7.62mm(300))
ITEM
DIMENSIONS
D
e
e1
c
L
x
Z
0
° to 15°
P32CS-70-CAA
Z
A2
A
L
b
b1
b2
±
32
17
1
16
M
A1
b2
xC AB
b1
b
c
θ
θ
28.05 0.15
±
6.60 0.20
±
3.45 0.15
±
±
±
±
±
+
0.65
0.50
1.02
0.75
2.86
0.25
2.80
1.778
7.62
0.25
0.615
0.10
0.10
0.10
0.10
0.20
0.10
0.05
E
A
A1
A2
D
E
B
(UNIT:mm)
e1
e
C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com