Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN280 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN280
Description  Controlling voltage transients in full-bridge driver applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN280 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN280 Datasheet HTML 5Page - STMicroelectronics AN280 Datasheet HTML 6Page - STMicroelectronics AN280 Datasheet HTML 7Page - STMicroelectronics AN280 Datasheet HTML 8Page - STMicroelectronics AN280 Datasheet HTML 9Page - STMicroelectronics AN280 Datasheet HTML 10Page - STMicroelectronics AN280 Datasheet HTML 11Page - STMicroelectronics AN280 Datasheet HTML 12Page - STMicroelectronics AN280 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AN280
Snubber design considerations
Doc ID 1703 Rev 3
9/15
4
Snubber design considerations
The function of the snubber network is to limit the rate of change of the voltage across the
motor (output terminals of the L6203) when one of the DMOS devices is turned off. Using
the RC snubbing circuit shown in Figure 9, the rate of change of the voltage on the output is
dominated by the capacitor while the resistor is used primarily to limit the peak current
flowing through the power transistor when it turns on.
Figure 9.
RC snubber circuit on output
The time constant of the motor current is much longer than the switching time, due to the
inductance of the motor. At the time of switching the DC motor can be assumed to be a
constant current generator equal to the peak current at switching. If this current is switched
into the snubber, the voltage across the snubber network jumps to a value equal to the
snubber resistance times the motor current. After the initial step, the rate of change is limited
by the motor current charging the snubber capacitor. To properly size the snubber network
the resistor is selected such that the maximum motor current produces a voltage less than
the minimum power supply voltage. If the resistor is larger than this value, the snubber is
ineffective since the capacitor doesn’t limit the voltage rise until the voltage has become
greater than the power supply. For the design example, the maximum resistance for the
snubber is given by the equation:
Equation 2
The snubber capacitor is calculated from the peak current and the target rise time. The
capacitance is given by the equation:
Equation 3
AM15176v1
R
max
V
smin
I
peak
---------------
38V
5A
-----------
7.6 ohm
==
=
C
Ipeak
dt
dv
------
5A
150ns
50V
-----------------
0.015
μF
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com