Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN280 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN280
Description  Controlling voltage transients in full-bridge driver applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN280 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN280 Datasheet HTML 7Page - STMicroelectronics AN280 Datasheet HTML 8Page - STMicroelectronics AN280 Datasheet HTML 9Page - STMicroelectronics AN280 Datasheet HTML 10Page - STMicroelectronics AN280 Datasheet HTML 11Page - STMicroelectronics AN280 Datasheet HTML 12Page - STMicroelectronics AN280 Datasheet HTML 13Page - STMicroelectronics AN280 Datasheet HTML 14Page - STMicroelectronics AN280 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AN280
Snubber design considerations
Doc ID 1703 Rev 3
11/15
4.1
Current in the snubber circuit
Figure 12.
Turn-on 2.0 A/div
The power dissipated in the snubber resistor is the sum of the dissipation during the turn-on
and turn-off of the bridge. The resistor dissipation is:
Equation 5
where
●
I1 = current at turn-on
●
I2 = current at turn-off
●
R = snubber resistor
●
DC = duty cycle of current flow
For the design example the power dissipation, not considering the duty cycle is:
Equation 6
If the device is chopping for only a portion of the time the dissipation in the resistor is
reduced.
AM15179v1
Pd
I1
2
RDC
⋅⋅
()
I2
2
RDC
⋅⋅
()
+
=
Pd
2.5
()
2
7.5
0.01
·
⋅⋅
()
5
()
2
7.5
0.01
·
⋅⋅
() 0.469 1.875 2.344W
=
+
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com