Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN280 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN280
Description  Controlling voltage transients in full-bridge driver applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN280 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN280 Datasheet HTML 7Page - STMicroelectronics AN280 Datasheet HTML 8Page - STMicroelectronics AN280 Datasheet HTML 9Page - STMicroelectronics AN280 Datasheet HTML 10Page - STMicroelectronics AN280 Datasheet HTML 11Page - STMicroelectronics AN280 Datasheet HTML 12Page - STMicroelectronics AN280 Datasheet HTML 13Page - STMicroelectronics AN280 Datasheet HTML 14Page - STMicroelectronics AN280 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AN280
Conclusion
Doc ID 1703 Rev 3
13/15
5
Conclusion
With the 0.2 µF bypass capacitor and the snubber circuit in place the voltage transients
measured in the application have been limited to within safe values for the L6202. As shown
in Figure 10 and Figure 11, the power supply voltage, the voltage across each of the DMOS
transistors and the voltage across the output of the bridge (Vout1 - Vout2) are all within the
maximum rating of the device with some margin.
To insure reliable performance of an H-bridge drive circuit, the designer must insure that the
device operates within the maximum ratings of the device(s) used in the circuit. One of the
critical parameters to consider is the maximum voltage capability of the devices. To maintain
the reliability, the voltage transients due to switching inductive loads must be maintained
within the ratings of the device. Two techniques used to control the voltage transients in fast
switching applications are proper bypass filtering of the power supply and snubbing the
outputs to control voltage rise times. Using these two techniques the voltage transients in a
DMOS bridge application can be controlled to within safe levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com