Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN280 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN280
Description  Controlling voltage transients in full-bridge driver applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN280 Datasheet(HTML) 4 Page - STMicroelectronics

  AN280 Datasheet HTML 1Page - STMicroelectronics AN280 Datasheet HTML 2Page - STMicroelectronics AN280 Datasheet HTML 3Page - STMicroelectronics AN280 Datasheet HTML 4Page - STMicroelectronics AN280 Datasheet HTML 5Page - STMicroelectronics AN280 Datasheet HTML 6Page - STMicroelectronics AN280 Datasheet HTML 7Page - STMicroelectronics AN280 Datasheet HTML 8Page - STMicroelectronics AN280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Maximum ratings
AN280
4/15
Doc ID 1703 Rev 3
1
Maximum ratings
The maximum voltage rating for the bridge driver can be derived from the maximum ratings
of the devices used in the output stage and are generally the BVceo or BVdss of the power
devices. In addition to the maximum allowable voltage across the output device, additional
limits may be needed on the maximum output voltage above supply or below ground,
depending on the implementation of the output stage.
As an example of a full-bridge circuit, consider the STMicroelectronics L6201, L6202 and
L6203. These devices are full-bridge drivers implemented with DMOS transistors on a
monolithic structure. Using these devices full-bridge drive circuits, like shown in Figure 1,
are easily implemented. The device has a maximum rating for the supply voltage of 60 V,
which implies a maximum BVdss for the output devices of 60 V. In addition, due to the
monolithic implementation, the voltage between the two output terminals must not exceed
60 V. Therefore, the maximum ratings that must be considered for the application are:
●
Vsupply: 60 V
●
Vds any output: 60 V
●
V01 - V02: 60 V
Similar maximum ratings exists for any full-bridge application, with the exception of the
differential output voltage limit, which doesn’t exist for discrete implementations.
Figure 1.
DC motor drive circuit using the L6203
AM15168v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com