Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN280 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN280
Description  Controlling voltage transients in full-bridge driver applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN280 Datasheet(HTML) 3 Page - STMicroelectronics

  AN280 Datasheet HTML 1Page - STMicroelectronics AN280 Datasheet HTML 2Page - STMicroelectronics AN280 Datasheet HTML 3Page - STMicroelectronics AN280 Datasheet HTML 4Page - STMicroelectronics AN280 Datasheet HTML 5Page - STMicroelectronics AN280 Datasheet HTML 6Page - STMicroelectronics AN280 Datasheet HTML 7Page - STMicroelectronics AN280 Datasheet HTML 8Page - STMicroelectronics AN280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AN280
List of figures
Doc ID 1703 Rev 3
3/15
List of figures
Figure 1.
DC motor drive circuit using the L6203. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 2.
Output switching waveform for the L6203 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Parasitic wiring inductances in DC motor drive circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
Enable input and motor current for examples . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 5.
Supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 6.
V01 - V02 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 7.
Supply voltage with 0.2 µF bypass capacitor on supply pin . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 8.
V01 - V02 with 0.2 µF bypass capacitor on supply pin. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 9.
RC snubber circuit on output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 10.
Supply voltage with snubber . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 11.
V01 - V02 with snubber . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 12.
Turn-on 2.0 A/div . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 13.
Turn-off 2.0 A/div . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com