Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN668 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN668
Description  A New High Power IC Surface Mount Package Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN668 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN668 Datasheet HTML 5Page - STMicroelectronics AN668 Datasheet HTML 6Page - STMicroelectronics AN668 Datasheet HTML 7Page - STMicroelectronics AN668 Datasheet HTML 8Page - STMicroelectronics AN668 Datasheet HTML 9Page - STMicroelectronics AN668 Datasheet HTML 10Page - STMicroelectronics AN668 Datasheet HTML 11Page - STMicroelectronics AN668 Datasheet HTML 12Page - STMicroelectronics AN668 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
AN668 APPLICATION NOTE
package structure has been observed after the
high temperature stress, up to 260°C.
Figure 7. Exposed slug edge for solder joint in-
spection
Figure 8. Loss of thermal performance due to
poor co-planarity and uneven solder
joints
2.5 Hermeticity
Good hermeticity of package interfaces has been ob-
tained by means of slug design and of the selection
of low stress, high adhesion molding compounds.
State-of-the-art molding equipment and process is
used, with CPK in excess of 1.33 for all the key pa-
rameters. This provides repeatability of the results in
large volumes.
Moreover, improved mechanical clamping of the
molding compound is obtained by using a new, pro-
prietary finishing of the slug all along its periphery,
which is provided with undercutting and controlled
surface roughness.
After severe tests consisting of alternate thermal cy-
cling and pressure pot, and after the "pop corn" se-
quence, Scanning Acoustic Microscopy (SAM)
analysis and die penetration test confirms the robust-
ness of the PowerSO-20/36. Figure 9 shows a typical
map of adhesion obtained in SAM evaluation after
stress analysis.
Figure 9. Scanning Acoustic Microscope map
3.
THERMAL DESIGN AND APPLICATIONS
Thermal characteristics of the new PowerSO-20/36
package can cover a wide range of applications, both
in the medium power (1-5W) and in the high power
range (up to 20W). Moreover, as sufficiently large
thermal capacitance is associated with the new pack-
age, performance in switching conditions is equiva-
lent to that of available insertion packages.
In this section, a number of typical applications of the
PowerSO-20/36 will be considered and compared
with existing solutions, taking into account that a ma-
jor role in the thermal design is played by the temper-
ature increase Tj-Ta specified in the different
applications. "Delta" Tj can be as low as 25-30°C in
extreme conditions for automotive or as large as
100°C in more relaxed systems.
Unless differently indicated,
∆Tj of 50°C is assumed
in all the considerations of this note.
3.1 JUNCTION-TO-CASE THERMAL RESIS-
TANCE
The main feature of PowerSO-20/36 packages are
optimization of junction-to-case thermal resistance,
from the junction to the external surface of the slug.
Unlike standard SO packages, which use epoxy die
slug edge accessible
for visual inspection
D94AN003
0
20
40
60
80
100
%
MW SMT
VERSION
Power SO-20/36
D94AN004A
Rth(j-s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com