Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN668 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN668
Description  A New High Power IC Surface Mount Package Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN668 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN668 Datasheet HTML 7Page - STMicroelectronics AN668 Datasheet HTML 8Page - STMicroelectronics AN668 Datasheet HTML 9Page - STMicroelectronics AN668 Datasheet HTML 10Page - STMicroelectronics AN668 Datasheet HTML 11Page - STMicroelectronics AN668 Datasheet HTML 12Page - STMicroelectronics AN668 Datasheet HTML 13Page - STMicroelectronics AN668 Datasheet HTML 14Page - STMicroelectronics AN668 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
AN668 APPLICATION NOTE
on the efficiency of the heat transfer leads (design
and thermal conductivity) and on the die size.
Rth(j-a) is due to the size of the dissipating elements
on the board, according to Figure 13, which shows
improved thermal resistance from 76 to 50°C/W
when the dissipating area is increased from 0 to 6 cm
sq.
The PowerSO-20/36 can be used in place of medium
power SO, with the slug soldered on the board.
Figure 13. Rth(j-a) vs. board dissipating area
The first experimental evidence shows a very good
heat exchange with the substrate, due to the large
contact area associated with the basic footprint of
Figure 14. Rth(j-a) is about 50°C/W in this configura-
tion.
Figure 14. Pad layout
When the two dissipating elements are added and
the footprint of Figure 15 is used, additional improve-
ment is observed. For example, Rth(j-a) is 35°C/W
with dissipation elements of 6 sq cm.
Figure 15. Footprint with dissipating element
Margin
over
the
traditional
medium
power
SO(12+4+4) is about 40%, with dissipation increased
from 1 W to 1,4 W always with Delta Tj = 50°C. Im-
provement can be also understood taking into ac-
count
that
the
junction
to
substrate
thermal
resistance is equivalent to Rth(j-p) = 12-14°C/W for
medium power SO(12+4+4) and equivalent to Rth(j-
c) = 0.5-2.0°C/W for PowerSO-20/36.
3.3
APPLICATIONS WITH 2-5 WATT DISSIPA-
TION
3.3.1 Dissipating elements and ground layer
It must be noticed that previous data are observed
with a simple PCB, with single or double face. In ap-
plications using multilayer boards, a much better effi-
ciency is observed due to the heat spreading effect of
the ground layer.
Looking at the board structure of Figure 16, heat gen-
erated at the junction is transferred to the dissipating
areas on the board surface and then to the ground
layer, which works as a large heat exchange element
with the ambient.
Rth(j-a) offered by this solution is 20-25°C/W for 2.0
- 2.5W dissipation.
Figure 16. Mounting on PCB with ground layer
0123456789
10
45
50
55
60
65
70
75
80
on board heat sink area (sq.cm)
D94AN007
die pad = 140 x 220sq.mils
die size = 120 x 130sq.mils
Pd = 1W
Rth(j-a) (˚C/W)
1.7
5
9.4 15.4
0.7
1.27
14.8
17.7
D94AN008
D94AN009
Ground
layer
D94AN010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com