Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN668 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN668
Description  A New High Power IC Surface Mount Package Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN668 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN668 Datasheet HTML 8Page - STMicroelectronics AN668 Datasheet HTML 9Page - STMicroelectronics AN668 Datasheet HTML 10Page - STMicroelectronics AN668 Datasheet HTML 11Page - STMicroelectronics AN668 Datasheet HTML 12Page - STMicroelectronics AN668 Datasheet HTML 13Page - STMicroelectronics AN668 Datasheet HTML 14Page - STMicroelectronics AN668 Datasheet HTML 15Page - STMicroelectronics AN668 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
AN668 APPLICATION NOTE
12/19
3.3.2 Via holes and ground layer
If via holes are used as in Figure 17, a more direct
thermal path is obtained from the slug to the ground
layer. The number of vias is chosen according to the
desired performance.
Figure 18 shows a typical high performance foot print
for PowerSO20/36 with via holes
Rth(j-a) can be reduced down to 15-20°C/W and dis-
sipation increased up to 2.5-3.3W with Delta Tj =
50°C.
Figure 17. Mounting on epoxy FR4 using via
holes for heat transfer of ground layer
Figure 18. Footprint of PowerSO20/36 with via
holes
3.3.3 Via holes and external heatsink
The solution considered in Figure 19 combines a Pow-
erSO-20/36 soldered onto a via hole structure, with a
metal plate glued on the opposite side of the board.
The final thermal resistance value is given by the re-
sistance of via holes added to the resistance of the
plate to the ambient.
Figure 20 shows the thermal resistance associated
with 16 holes and reports its behavior with the dissi-
pated power. Hole depth of 1.5 mm is an extreme
case, existing in rather thick substrates only; the ex-
perimental value is about 9°/W, including the contri-
bution of Rth(j-c). In practical cases, structures with
Rth(j-a) = 12-15°C/W are obtained for 3.3-4.2W dis-
sipation.
Figure 19. Mounting on epoxy FR4 using via
holes for heat transfer and external
metal plate
Figure 20. Thermal Resistance junction-sub-
strate
Copper
foil
Ground
layer
D94AN011
via holes
Copper
foil
FR4 board
D94AN012
Via holes
Metal plate
0123456789
10
D94AN013
Dissipated Power (W)
8.4
8.6
8.8
9.0
9.2
9.4
Rthj-s(˚C/W)
Mounted on FR4
substrate with
vias holes
Thickness: 1.5mm
Infinite heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com