Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN668 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN668
Description  A New High Power IC Surface Mount Package Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN668 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN668 Datasheet HTML 11Page - STMicroelectronics AN668 Datasheet HTML 12Page - STMicroelectronics AN668 Datasheet HTML 13Page - STMicroelectronics AN668 Datasheet HTML 14Page - STMicroelectronics AN668 Datasheet HTML 15Page - STMicroelectronics AN668 Datasheet HTML 16Page - STMicroelectronics AN668 Datasheet HTML 17Page - STMicroelectronics AN668 Datasheet HTML 18Page - STMicroelectronics AN668 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
AN668 APPLICATION NOTE
16/19
by the copper slug becomes very evident (Figure 25).
Due to the thermal capacitance of the slug, the tran-
sient thermal impedance of PowerSO-20/36 after 1
sec pulse duration is 4 times lower.
A summary of the thermal performance of PowerSO-
20/36 considering the different mounting approaches
is given in Table 3, assuming that the maximum rated
temperature of the device is 150°C and that the
∆Tj
is 50°C.
Table 3. Thermal performance (
∆Tj: 50°C)
Figure 24. Thermal impedance of different
packages
Figure 25.
4.
SOLDERING INFORMATION
The soldering process causes considerable thermal
stress to a semiconductor component. This has to be
minimized to ensure a reliable and extended lifetime
of the device.
PowerSO-20/36 are certified as MSL3 according to
Jedec STD 020A
As eflow techniques are the most common in surface
mounting, typical heating profiles are given in Figure
26, with a preheating at 130 - 150°C for 80 -100 sec-
onds, either for mounting on FR4 epoxy substrate or
mounting on metal-backed boards (IMS). Peak tem-
perature should be at least 30°C higher than the
melting point of the solder chosen.
Figure 26.
PowerSO-20/36 packages
mounted on
Rth(j-a)
Pdiss
1.
FR4 using the rec-
comended pad lay-out
50°C/W
1.0W
2.
FR4 with heat sink on
board (6 cm2)
35°C/W
1.4 W
3.
FR4 with heatsink (6
cm2) and ground
20°C/W
2.5W
4.
FR4 with 16 via holes
and ground layer
15°C/W
3.3W
5.
FR4 with 16 via holes
and external heatsink
12°C/W
4.2W
6.
IMS floating in air
(40cm2)
7°C/W
7W
7.
IMS with external heat-
sink applied
2.5°C/W
20W
0
40
80
120
160
200
240
280
320
360
Time (sec)
0
50
100
150
200
245˚C
D94AN017
T (˚C)
250
215˚C
EPOXY FR4
BOARD
METAL-BACKED
BOARD
Preheating
Cooling
Soldering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com