Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN668 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN668
Description  A New High Power IC Surface Mount Package Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN668 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN668 Datasheet HTML 9Page - STMicroelectronics AN668 Datasheet HTML 10Page - STMicroelectronics AN668 Datasheet HTML 11Page - STMicroelectronics AN668 Datasheet HTML 12Page - STMicroelectronics AN668 Datasheet HTML 13Page - STMicroelectronics AN668 Datasheet HTML 14Page - STMicroelectronics AN668 Datasheet HTML 15Page - STMicroelectronics AN668 Datasheet HTML 16Page - STMicroelectronics AN668 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
AN668 APPLICATION NOTE
3.4 HIGH POWER APPLICATIONS (UP TO 20
W)WITH STANDARD SUBSTRATE
In order to get an Rth(j-a) of few °C/W, high power
applications require large and massive external heat-
sinks in close contact with the power device.
This is not a simple requirement when cost effective
systems using the standard surface mount technolo-
gy and the standard PCB substrate are considered.
Major concerns are related to the critical assembly of
a large heatsink onto a small package; vibrations and
thermal excursions can generate unwanted mechan-
ical stress, thus damaging the package leads or the
integrity of the contact between slug and heatsink.
However, the fact that we have a well established,
PCB based surface mount technology is pushing the
industry to test several directions, similar to those
sketched in Figure 21.
Rather than proven solutions, they should be consid-
ered here as early attempts aimed to explore the ca-
pability of existing surface mount processes and
materials in the direction of increased heat dissipa-
tion at reduced cost.
3.4.1 "Slug-up" package and external heat-
sink
In the example of Figure 21a, PowerSO-20 is shown
in "reverse" or "slug-up" configuration, with a clip
mounted external heatsink, which was studied for
3.5W dissipation in still air and 5-6W dissipation in
forced ventilation.
A similar concept can be used for other applications
and the sink size adapted to their specific require-
ments. A large variety of solutions will exist which will
take advantage of the metal box in which the board
can eventually be housed.
Figure 21a. "Slug up"package with external
heatsink
To minimize the mechanical stess on leads and sol-
der joints derived from any pressure applied on top of
package, the slug-up forming is specifically designed
(Fig. 22).
3.4.2 Cavity board and external heatsink
In the example of Figure 21b, the PowerSO-20/36 is
mounted onto an epoxy board, with a through cavity
fabricated to correspond to the package slug. The ex-
ternal heatsink is directly applied in contact with the
slug, secured by means of a spring system or glued.
Also in this case, a high level of dissipation can be
achieved with properly designed heatsinks.
Figure 21b. Mounting on cavity board and ex-
ternal heatsink applied
Heatsink
D94AN014
Epoxy board
Epoxy board
with through cavity
D94AN015
Heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com