Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1818 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1818
Description  Reducing the Total No-Load Power Consumption
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1818 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1818 Datasheet HTML 1Page - STMicroelectronics AN1818 Datasheet HTML 2Page - STMicroelectronics AN1818 Datasheet HTML 3Page - STMicroelectronics AN1818 Datasheet HTML 4Page - STMicroelectronics AN1818 Datasheet HTML 5Page - STMicroelectronics AN1818 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AN1818
Power dissipation under no-load conditions
2/6
The CC-CV (Constant Current - Constant Voltage) standard is a monolithic IC that includes one
independent op-amp and another op-amp for which the non-inverting input is wired to a 2.5V fixed voltage
reference. A good example of such a secondary-side device is ST’s TSM103W.
Normally the CC-CV voltage reference is “shunted”, meaning that the internal current generator requires
an external power supply in order to polarize and fix the voltage reference at 2.5V (Vref = 2.5V).
If we assume that Vout is connected to a discharge battery, the resulting characteristic curve, Vout-Iout, is
shown in Figure 2.
Figure2: Characteristic Vout - Iout for adapter application
In Figure 2, we can see that the load charges gradually, by increasing the current and the voltage in order
to reach a minimal voltage drop. This gradual increase guarantees a limited and stable current. Following
this, the voltage value increases (while the current stays constant) up to the constant voltage value.
A typical adapter application will have Vout_max = 20V (at no-load conditions) and Vout_min = 5V (which is
the minimal voltage necessary to have a constant current).
In order to have Vout_min = 5V, Vcc_min = 5V. If the minimum current value to bias Vref is 1mA, this means
that:
Therefore, in order to have Vout_min = 5V, we must fix Rref = 2.5kΩ.
Now that we have fixed the value of Rref, let's consider a no-load condition where Vout_max = 20V. It
follows that:
0
5
10
15
20
25
01
234
56
Iout (A)
Vout_min in CC mode
0
5
10
15
20
25
01
234
56
Iout (A)
Vout_min in CC mode
I
re f
1mA
=
R
re f
V
outmin
V
re f
–
I
re f
----------------------------------------
5V
2.5V
–
1mA
------------------------
2.5k
Ω
=
=
=
I
re f
V
out
V
re f
–
R
re f
-----------------------------
20
2.5
–
2.5
-------------------
7mA
=
=
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com