Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1818 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1818
Description  Reducing the Total No-Load Power Consumption
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1818 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1818 Datasheet HTML 1Page - STMicroelectronics AN1818 Datasheet HTML 2Page - STMicroelectronics AN1818 Datasheet HTML 3Page - STMicroelectronics AN1818 Datasheet HTML 4Page - STMicroelectronics AN1818 Datasheet HTML 5Page - STMicroelectronics AN1818 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AN1818/1004
Revision 1
1/6
1
Introduction
This paper describes how to reduce the power consumption, under no-load conditions, of battery
chargers and adapters by using STMicroelectronics’s TSM family of secondary-side devices. This family
of devices provides accurate voltage and current regulation, while incurring very low consumption at no-
load conditions. In fact, owing to these innovative, integrated devices, the total power consumption for the
entire system at no-load conditions can be reduced down to nearly 100mW. With the arrival of new power
consumption regulations, this capability is increasingly sought after.
The most innovative of ST’s devices are the TSM101x family. These are highly integrated solutions for
SMPS applications requiring CV and CC mode, integrating one voltage reference and two operational
amplifiers. The voltage reference combined with one operational amplifier makes them ideal voltage
controllers. The other operational amplifier, combined with the integrated voltage reference and a few
external resistors, can be used as a current limiter.
These products family are designed for use in battery chargers with a constant voltage and a limited
output current and in adapters.They can be used in every type of application requiring 0.5% and 1%
voltage reference precision.
2
Power dissipation under no-load conditions
In a typical system for battery charger and adapter applications, different factors contribute to the total
power dissipation under no-load conditions. However, in broad terms, the total power dissipation can be
divided into the dissipation owing to the secondary-side (Pout) and the power dissipation owing to the
primary-side (Pin).
Secondary-side power dissipation
This article deals with reducing the secondary-side power dissipation, so let us begin by considering a
typical schematic of the secondary-side of an SMPS application, shown in Figure 1.
Figure1: Typical application using CC-CV Standard in SMPS
Rsense
C2
R2
R1
C1
C3
optocoupler
secondary side
Cic1
Cvc1
Ric1
Rvc1
Rlimit
R4
R5
R3
D1
D2
OUT+
OUT-
Ric2
PWM
controller
optocoupler
primary side
Rref
CC-CV Standard
Vref
OP1
OP2
AN1818
Reducing the Total No-Load Power Consumption of
Battery Chargers and Adapter Applications


Similar Part No. - AN1818

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1810 STMICROELECTRONICS-AN1810 Datasheet
109Kb / 8P
STR71x BSPI COMMUNICATION WITH M25P10-A SERIAL FLASH
Rev. 2.0
logo
Motorola, Inc
AN1812 MOTOROLA-AN1812 Datasheet
465Kb / 16P
Freescale Semiconductor, Inc.
logo
STMicroelectronics
AN1812 STMICROELECTRONICS-AN1812 Datasheet
328Kb / 34P
In general the ADC embedded in the ST7 microcontroller
13-Sep-2005
logo
Freescale Semiconductor...
AN1816 FREESCALE-AN1816 Datasheet
2Mb / 24P
USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL
logo
Panasonic Semiconductor
AN18164B PANASONIC-AN18164B Datasheet
273Kb / 8P
Car Radio FM/AM tuner IC built-in PLL synthesizer
More results

Similar Description - AN1818

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJW15 MINMAX-MJW15 Datasheet
526Kb / 10P
Low No Load Power Consumption
logo
AIMTEC
AMSRI-78-NZ AIMTEC-AMSRI-78-NZ Datasheet
121Kb / 4P
Ultra-low no load power consumption
logo
Recom International Pow...
RAC20-N RECOM-RAC20-N Datasheet
892Kb / 4P
0.25W max. No Load Power Consumption
logo
Total Power Internation...
TPEMP250G TOTAL-POWER-TPEMP250G Datasheet
118Kb / 2P
NO LOAD POWER CONSUMPTION <0.5W
logo
Recom International Pow...
RAC02-SE277 RECOM-RAC02-SE277 Datasheet
402Kb / 4P
35mW max. No Load Power Consumption
RAC02-SE277W RECOM-RAC02-SE277W Datasheet
380Kb / 4P
35mW max. No Load Power Consumption
RAC03-SE277 RECOM-RAC03-SE277 Datasheet
428Kb / 4P
30mW max. No Load Power Consumption
RAC03-SE277W RECOM-RAC03-SE277W Datasheet
383Kb / 4P
30mW max. No Load Power Consumption
RAC03-SER277 RECOM-RAC03-SER277 Datasheet
399Kb / 4P
40mW max. No Load Power Consumption
RAC04-C277 RECOM-RAC04-C277 Datasheet
453Kb / 6P
50mW max. No Load Power Consumption
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com