Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1818 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1818
Description  Reducing the Total No-Load Power Consumption
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1818 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1818 Datasheet HTML 1Page - STMicroelectronics AN1818 Datasheet HTML 2Page - STMicroelectronics AN1818 Datasheet HTML 3Page - STMicroelectronics AN1818 Datasheet HTML 4Page - STMicroelectronics AN1818 Datasheet HTML 5Page - STMicroelectronics AN1818 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Power dissipation under no-load conditions
AN1818
3/6
The total value of the secondary-side power dissipation is calculated using:
Equation 1
where
Equation 2
and Iopto is the current needed to drive an optocoupler — typically about 1.5mA.
This means that for a typical system at no-load conditions where Vout = 20V, Iref = 7mA, Icc = 1.5mA and
Iopto = 1.5mA, giving a secondary-side power dissipation (Pout) equal to:
Equation 3
Primary-side power dissipation
Now to turn our attention to the primary side of a typical adapter application. The primary side of an SMPS
application consists of a number of functional blocks (such as the PFC and PWM), each contributing to
the overall power consumption of the device. But in general, the overall power dissipation owing to
primary side functions can be assumed to be about 80mW under no-load conditions (for battery chargers
and adapters in the range 5W).
The key factor concerning the overall power consumption on the primary-side is its efficiency rating,
which is at best about 50%. This means that to transfer 1mW of power to the secondary side, 2mW of
power are generated in the primary side.
Returning to our calculation in Equation 3 above, this means that if we require 200mW of power on the
secondary-side in no-load conditions, 400mW will be generated on the primary side, and an additional
80mW will be necessary to drive the primary-side functions.
This relationship means that for any given reduction in no-load power dissipation on the secondary side,
the beneficial effect will be twice as great on the primary side.
P
out
V
out
I
tot
⋅
=
I
tot
I
cc
I
ref
I
opto
++
=
P
out
V
out
I
tot
⋅
()
V
out
I
ref
I
cc
I
opto
++
()
⋅
()
20V
7mA
1.5mA
1.5mA
++
()
⋅
()
20V 10mA
⋅
() 200mW
=
=
=
=
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com