Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1818 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1818
Description  Reducing the Total No-Load Power Consumption
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1818 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1818 Datasheet HTML 1Page - STMicroelectronics AN1818 Datasheet HTML 2Page - STMicroelectronics AN1818 Datasheet HTML 3Page - STMicroelectronics AN1818 Datasheet HTML 4Page - STMicroelectronics AN1818 Datasheet HTML 5Page - STMicroelectronics AN1818 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Optimizing your system
AN1818
5/6
The following table summarizes the parameters for each of the above systems:
We can see from the above comparison that by using the TSM1012 and a low-consumption optocoupler,
an economy of nearly 80% in power consumption can be obtained relative to the “typical” CC-CV
secondary side solution. And most importantly, it is possible with this advanced system to descend to only
104mW in no-load conditions.
However, we can also see that only improving the optocoupler and retaining a standard secondary-side
device (such as the TSM103) does not significantly improve the overall power consumption.
System A
“Typical
Configuration”
System B
“Optimized
Configuration”
System C
“Highly-Optimized
Configuration”
Secondary-side IC
TSM103
TSM1011
TSM1012
Vref
2.5V (externally polarized)
self-polarizing
self-polarizing
Rref
2.5k
Ω
none
none
Iref
7mA
none
none
Icc
1.5mA
1mA
0.1mA
Iopto (standard)
1mA
1mA
1mA
Itot = Iref + Icc+ Iopto
9.5mA
2mA
1.1mA
Vout under
no-load condition
20V
20V
20V
Pout
190mW
40mW
22mW
Pin
380mW
80mW
44mW
Primaryfunction power
dissipation
80mW
80mW
80mW
Total Power Consumption
460mW
160mW
124mW
Target consumption window
<500mW
<200mW
<150mW
Using a low-power optocoupler:
Iopto (low power)
0.5mA
0.5mA
0.5mA
Itot
9mA
1.5mA
0.6
Pout
180mW
30mW
12mW
Pin
360mW
60mW
24mW
Primaryfunction power
dissipation
80mW
80mW
80mW
Total Power Consumption
440mW
140mW
104mW
Target consumption window
<500mW
<150mW
~100mW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com