Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1818 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1818
Description  Reducing the Total No-Load Power Consumption
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1818 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1818 Datasheet HTML 1Page - STMicroelectronics AN1818 Datasheet HTML 2Page - STMicroelectronics AN1818 Datasheet HTML 3Page - STMicroelectronics AN1818 Datasheet HTML 4Page - STMicroelectronics AN1818 Datasheet HTML 5Page - STMicroelectronics AN1818 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AN1818
Optimizing your system
4/6
3
Optimizing your system
Typically, when one designs a battery charger or adapter application, a target power consumption is set
for the application under no-load conditions. This target may be 500mW, or even 300mW, but until
recently, it seemed impossible to reach a no-load total power consumption of as low as 100mW.
In this section, we will look at three example systems:
a A typical secondary side configuration, as seen in Figure 1, and using a general-purpose second-
ary-side integrated circuit, such as ST’s TSM103.
b An advanced secondary side circuit schematic (see Figure 3), using an integrated circuit such as
ST’s TSM1011 which includes a self-polarizing voltage reference. The inclusion of a self-polariz-
ing voltage reference permits the elimination of the resistor Rref, and by consequence, elimination
of Iref.
c An advanced secondary-side schematic (see Figure 3) using a very advanced integrated circuit,
ST’s TSM1012, which draws only 150
µA under no-load conditions.
Figure3: Advanced secondary-side schematic for battery-charger/adapter application
In addition to considering the typical (Figure 1) and advanced (Figure 3) secondary side schematics,
there are now on the market optocouplers that need as little as 0.5mA. As we will see below, using such
an optocoupler can allow power consumption to drop very low indeed.
Rsense
C2
R2
R1
C1
C3
optocoupler
secondary side
Cic1
Cvc1
Ric1
Rvc1
Rlimit
2
3
4
8
6
5
28V
Vref
Vcc
CC
CC-
CC+
Gnd
CV
CV-
CV+
Out
2,5V
R4
R5
1
R3
D1
D2
Ric2
TSM1012
7
PWM
controller
optocoupler
primary side



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com