Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1895 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1895
Description  EVAL6562-375W Evaluation Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1895 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1895 Datasheet HTML 3Page - STMicroelectronics AN1895 Datasheet HTML 4Page - STMicroelectronics AN1895 Datasheet HTML 5Page - STMicroelectronics AN1895 Datasheet HTML 6Page - STMicroelectronics AN1895 Datasheet HTML 7Page - STMicroelectronics AN1895 Datasheet HTML 8Page - STMicroelectronics AN1895 Datasheet HTML 9Page - STMicroelectronics AN1895 Datasheet HTML 10Page - STMicroelectronics AN1895 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AN1895
Setting up FOT control with the L6562
7/16
3
Setting up FOT control with the L6562
FOT control is implemented with the L6562 using the circuit shown in Figure 3, which shows
some significant waveforms as well. Before starting the design, the desired value of tOFF at
the maximum line voltage must be specified. Application note AN1792 shows that to reduce
high-voltage distortion, tOFF must be greater than 7µs, hence we choose tOFF = 8µs.
Figure 3.
Circuit implementing FOT control with the L6562 and relevant timing waveforms.
Following the design procedure given in AN1792, with the aid of the diagram of Figure 4:
1.
The ratio of the maximum tOFF value to the minimum tOFF value is:
2.
Consider the value of VMULTpk at minimum line voltage (VMULTpk = 1V), in Figure 4 draw
a horizontal line located at
ρ = 2.52 (on the left vertical axis) as long as it intercepts the
ρ curve relevant to the value V
MULTpk=1V in P1. The abscissa of P1 gives the value
K1=0.891.
3.
From P1 draw a vertical line as long as it intercepts the K2 curve relevant to VMULTpk=1
in P2. The ordinate of P2 (on the right vertical axis) gives the value K2=4.17.
4.
The required time constant is:
.
5.
A capacitor C = 560 pF is selected, then the associated resistance value will be:
.
6.
R1 and R2 will be respectively:
the standard values R1 = 12k
Ω and R2 = 1.5kΩ will be chosen.
ρ
810
6
–
⋅
3.18 10
6
–
⋅
----------------------------
2.52
==
τ
t
OFFmin
K2
---------------------
3.18 10
6
–
⋅
4.17
----------------------------
0.76 10
6
–
s
⋅
==
=
R'
τ
C
----
0.76 10
6
–
⋅
560 10
12
–
⋅
-----------------------------
1357
Ω
==
=
R1
R'
1K1
–
-----------------
1357
10.891
–
------------------------
12450
Ω
==
=
R2
R'
K1
-------
1357
0.891
---------------
1523
Ω
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com