Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1895 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1895
Description  EVAL6562-375W Evaluation Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1895 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1895 Datasheet HTML 8Page - STMicroelectronics AN1895 Datasheet HTML 9Page - STMicroelectronics AN1895 Datasheet HTML 10Page - STMicroelectronics AN1895 Datasheet HTML 11Page - STMicroelectronics AN1895 Datasheet HTML 12Page - STMicroelectronics AN1895 Datasheet HTML 13Page - STMicroelectronics AN1895 Datasheet HTML 14Page - STMicroelectronics AN1895 Datasheet HTML 15Page - STMicroelectronics AN1895 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AN1895
Bill of materials
13/16
Appendix A
Bill of materials
Note:
If not otherwise specified, all resistors are 1%, ¼ W, all capacitors are ceramic or plastic
film.
The Bridge, M1, M2 and D6 all share the same heat sink.
Table 2.
Bill of material for EVAL6562-375W evaluation board
Symbol
Value
Note
R1A and R1B
120 k
Ω
R2A and R2B
620 k
Ω
R3
10 k
Ω
R4
47
Ω
R5
6.8 k
Ω
R6 and R13
6.8
Ω
R7A, R7B, R7C and R7D
0.68
Ω
Metal film, 1W
R8 and R12
1.5 k
Ω
R9
12 k
Ω
R10A and R10B
499 k
Ω
R11
6.34 k
Ω
R14
330
Ω
CX1 and CX2
330 nF
EPCOS B81131 or equivalent
C1
1 µF
400V, EPCOS B32653 or equivalent
C2 and C4
10 nF
C3
47 µF
25V electrolytic
C5
1 µF
C6 and C10
330 pF
C7
560 pF
C8
470 nF
630V, EPCOS B32653 or equivalent
C9
220 µF
450V, Electrolytic Nichicon LS or equivalent
L1
TOR73
3.9 mH / 6A, supplied by ITACOIL s.r.l.
T1
E4218
Boost inductor. See spec on table 3. Supplied by ITACOIL s.r.l.
BRIDGE
KBU8M
8A / 1000V, GI or equivalent
D1, D2, D3 and D4
1N4148
0.3A / 75V, glass case, Vishay or equivalent
D5
1N5406
3A / 600V, D0201, ON Semiconductor or equivalent
D6
STTH806DTI
8A / 600V, Tandem Hyperfast, TO220, ST
DZ1
1N5248B
18V / 500mW Zener, ON Semiconductor or equivalent
U1
L6562
TM PFC controller, DIP8, ST
M1 and M2
STP12NM50FP 0.3
Ω / 500V, MDmesh TM, TO220FP, ST
TR1
BC557
PNP, 0.1A / 45V, TO92, On Semiconductor or equivalent
NTC1
BS237
NTC 2.5
Ω, EPCOS or equivalent
F1
---
8A, 250V
PCB
---
FR-4, Cu single layer 35µm, 150 x 81.5 mm
Heat sink
OS512
2.12 °C/W, Extrusion Profile, Aavid Thermalloy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com