Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1895 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1895
Description  EVAL6562-375W Evaluation Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1895 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1895 Datasheet HTML 1Page - STMicroelectronics AN1895 Datasheet HTML 2Page - STMicroelectronics AN1895 Datasheet HTML 3Page - STMicroelectronics AN1895 Datasheet HTML 4Page - STMicroelectronics AN1895 Datasheet HTML 5Page - STMicroelectronics AN1895 Datasheet HTML 6Page - STMicroelectronics AN1895 Datasheet HTML 7Page - STMicroelectronics AN1895 Datasheet HTML 8Page - STMicroelectronics AN1895 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AN1895
Power stage design procedure
5/16
2
Power stage design procedure
The step-by-step procedure of an LM-FOT controlled PFC pre-regulator outlined in [2] will
be followed. The design will be done on the basis of a ripple factor (the ratio of the maximum
current ripple amplitude to the inductor peak current at minimum line voltage) Kr=0.3.
1.
The range of k (kmin ÷ kmax) associated to the line voltage range is:
.
2.
The required tOFFmin is derived from the specification on the maximum switching
frequency (on the top of the line voltage sinusoid) fswmax at minimum line voltage:
3.
The maximum expected input power Pin0 = Pout0/η and the maximum line peak current,
Ipkmax are:
.
4.
The ripple amplitude on the top of the sinusoid at minimum line voltage, assuming it is
75% of the maximum specified, will be:
5.
The required inductance L of the boost inductor is:
This value will be rounded up to 550 µH; the resulting value of Kr will be slightly smaller
than 0.3, but we will go on using the target value, this will give some additional margin.
6.
The maximum inductor peak current, ILpkmax, is calculated:
7.
The maximum sense resistor Rsensemax is:
(1.6V is the minimum value of the pulse-by-pulse current limiting threshold on the
current sense pin of the L6562). It will be realized with four 0.68
Ω, 1W-rated paralleled
resistors, for a total resistance of 0.17
Ω. This provides some extra power capability. The
inductor peak current that the inductor must be able to carry without saturating will be:
8.
From the formulae in [2], table 4, the MOSFET RMS current is:
;
k
min
2
Vin
(RMS
)min
Vout
-----------------------------------
2
90
400
----------
0.318, k
max
2
Vin
(RMS
)max
Vout
------------------------------------
2
265
400
----------
0.937
==
=
==
=
t
OFFmin
k
min
f
sw max
-------------------
0.318
100 10
3
⋅
------------------------
3.18
µs
==
=
Pin
0
375
0.9
----------
417W; Ipk
max
2Pin
0
k
minVout
-------------------------
2417
⋅
0.318 400
⋅
-----------------------------
6.56A
==
=
=
=
I
Lpk
∆
6Kr
83Kr
–
-------------------Ipk
max
60.3
⋅
83 0.3
⋅
–
------------------------- 6.56
⋅
1.66A
==
=
L1
k
min
–
() Vout
I
Lpk
∆
--------------t
OFFmin
1
0.318
–
() 400
1.66
----------- 3.18 10
6
–
⋅⋅
⋅
523
µH
==
=
I
Lpkmax
8
83Kr
–
-------------------lpk
max
8
83 0.3
⋅
–
------------------------- 6.56
⋅
7.39A
==
=
R
sense max
1.6
I
Lpkmax
---------------------
1.6
7.39
-----------
0.216
Ω
==
=
I
Lpksat
1.8
0.17
-----------
10.6A
==
I
Qrms
()
Pin
0
k
minVout
------------------------- 2
16k
min
3
π
⋅
-------------------
–
417
0.318 400
⋅
----------------------------- 2
16 0.318
⋅
3
π
⋅
--------------------------
–
3.96A
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com