Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1895 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1895
Description  EVAL6562-375W Evaluation Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1895 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1895 Datasheet HTML 8Page - STMicroelectronics AN1895 Datasheet HTML 9Page - STMicroelectronics AN1895 Datasheet HTML 10Page - STMicroelectronics AN1895 Datasheet HTML 11Page - STMicroelectronics AN1895 Datasheet HTML 12Page - STMicroelectronics AN1895 Datasheet HTML 13Page - STMicroelectronics AN1895 Datasheet HTML 14Page - STMicroelectronics AN1895 Datasheet HTML 15Page - STMicroelectronics AN1895 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Bill of materials
AN1895
14/16
Table 3.
EVAL6562-375W: boost inductor specification (part# E4218, made by ITACOIL s.r.l.)
Core
E42/21/7, N67 Material or equivalent
Bobbin
Horizontal mounting, 10 pins
Air gap
≈ 1.9 mm for an inductance 1-10 of 550 µH
Windings
Spec &
Build
Pin
Start/End
Winding
Wire
Turns
Notes
1/10
Main
20xAWG32
58 (N1) Pins 1 & 2, pins 10 & 9 are shorted on the PCB
6/5
Aux
AWG32
6 (N2)
Evenly spaced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com