Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1895 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1895
Description  EVAL6562-375W Evaluation Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1895 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1895 Datasheet HTML 5Page - STMicroelectronics AN1895 Datasheet HTML 6Page - STMicroelectronics AN1895 Datasheet HTML 7Page - STMicroelectronics AN1895 Datasheet HTML 8Page - STMicroelectronics AN1895 Datasheet HTML 9Page - STMicroelectronics AN1895 Datasheet HTML 10Page - STMicroelectronics AN1895 Datasheet HTML 11Page - STMicroelectronics AN1895 Datasheet HTML 12Page - STMicroelectronics AN1895 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AN1895
Getting started with the evaluation board
9/16
4
Getting started with the evaluation board
The AC voltage, generated by an AC source ranging from 90 to 265 VAC, will be applied to
the input connector, located close to the bottom left-hand corner.
The 400 VDC output is located close to the bottom right-hand corner and will be connected
to the load. If an electronic load is going to be used pay attention to the right polarity: the (+)
output terminal is that located closer to the corner.
Warning:
Like in any offline circuit, extreme caution must be used
when working with the application board because it contains
dangerous and lethal potentials.
The application must be tested with an isolation transformer
connected between the AC mains and the input of the board
to avoid any risk of electrical shock.
4.1
Testbench results and significant waveforms
The following diagrams summarize the results of certain testbench evaluations. A number of
waveforms under different load and line conditions are shown for user's reference.
Figure 5.
Evaluation data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com