Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2173 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2173
Description  Using a VIPer12-based Power Supply to Replace a Wall Transformer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2173 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2173 Datasheet HTML 5Page - STMicroelectronics AN2173 Datasheet HTML 6Page - STMicroelectronics AN2173 Datasheet HTML 7Page - STMicroelectronics AN2173 Datasheet HTML 8Page - STMicroelectronics AN2173 Datasheet HTML 9Page - STMicroelectronics AN2173 Datasheet HTML 10Page - STMicroelectronics AN2173 Datasheet HTML 11Page - STMicroelectronics AN2173 Datasheet HTML 12Page - STMicroelectronics AN2173 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AN2173 - APPLICATION NOTE
2 Operation Characteristics
9/15
Figure 8.
Line Regulation: Power Supply Output Voltage vs. Varied Input Line Voltage
Note: Power supply output voltage is monitored while running at full load, and the line is varied
from 85VAC to 134VAC.
Figure 9.
Load Regulation: Power Supply Output Voltage vs. Varied Load
Note: Power supply output voltage is monitored while running at 115VAC, and the load is varied
from 0.01A to 0.51A.
12.1
12.12
12.14
12.16
12.18
12.2
80
90
100
110
120
130
140
Input Line Voltage (VAC)
AI11835
12.1
12.12
12.14
12.16
12.18
12.2
0.00
0.10
0.20
0.30
0.40
0.50
0.60
Load (A)
AI11836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com