Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2173 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2173
Description  Using a VIPer12-based Power Supply to Replace a Wall Transformer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2173 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2173 Datasheet HTML 1Page - STMicroelectronics AN2173 Datasheet HTML 2Page - STMicroelectronics AN2173 Datasheet HTML 3Page - STMicroelectronics AN2173 Datasheet HTML 4Page - STMicroelectronics AN2173 Datasheet HTML 5Page - STMicroelectronics AN2173 Datasheet HTML 6Page - STMicroelectronics AN2173 Datasheet HTML 7Page - STMicroelectronics AN2173 Datasheet HTML 8Page - STMicroelectronics AN2173 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
1 VIPer12-based Power Supply Features and Assembly
AN2173 - APPLICATION NOTE
4/15
1
VIPer12-based Power Supply Features and
Assembly
●
Fixed 60kHz Switching Frequency
●
Switch mode General Purpose Power Supply
●
Burst Mode Operation in Standby for Blue Angel operation
●
Current Mode Control
●
Typical 75% Efficiency at Full Load
●
Auxiliary Undervoltage Lockout with Hysteresis
●
Output Short Circuit Protection
●
Thermal Shutdown Protection
●
Meets EN55022 Class B EMI specification
1.1
Layout and Component Placement
To meet Printed Circuit Board (PCB) space requirements, both sides of the PCB are used for
either low or high voltage power supply mains by selecting the appropriate voltage rating for the
bulk capacitors and the Metal Oxide Varistor (MOV). Surface-mount components should be
used wherever possible to reduce the size of the assembly. The remaining axial lead devices
(e.g., resistors, diode, and “pigtail” fuse) are mounted vertically to save PCB space.
The line and neutral pins are molded into the bottom of the case and pass through two holes in
the top of the case, and a line cord attachment is on the side opposite the line and neutral pins
(see
Figure 2 on page 5 and Figure 3 on page 5). The PCB size is determined by the overall
dimensions and the side wall thicknesses of the case (1.78in x 1.78in, with rectangular
mounting slots in each side). A 0.118in mounting hole is provided. Additional support using
0.75in PCB standoffs is recommended, with the component leads trimmed to 0.65in (max).
See
Appendix A. Schematics on page 12 and Appendix B. KIDDE VIPer12 Demo Board BOM
on page 13 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com