Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2173 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2173
Description  Using a VIPer12-based Power Supply to Replace a Wall Transformer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2173 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2173 Datasheet HTML 7Page - STMicroelectronics AN2173 Datasheet HTML 8Page - STMicroelectronics AN2173 Datasheet HTML 9Page - STMicroelectronics AN2173 Datasheet HTML 10Page - STMicroelectronics AN2173 Datasheet HTML 11Page - STMicroelectronics AN2173 Datasheet HTML 12Page - STMicroelectronics AN2173 Datasheet HTML 13Page - STMicroelectronics AN2173 Datasheet HTML 14Page - STMicroelectronics AN2173 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AN2173 - APPLICATION NOTE
Appendix B. KIDDE VIPer12 Demo Board BOM
13/15
Appendix B. KIDDE VIPer12 Demo Board BOM
Table 2.
Domestic Bill of Materials
Qty
Reference
Part Description
Manufacturer
Manufacturer Part Number
1
BR1
SM Bridge 600V 1.5A
Diodes, Inc.
DF1506S-T
1
C1
4.7uF/250V Electro
Panasonic
ECA-2EHG4R7
1
C2
10uF/250V Electro
Panasonic
ECA-2EHG100
1
C3
47pF 1kV Ceramic
Panasonic
ECC-D3A470JGE
1
C4
22uF/25V Electro
Panasonic
ECA-1EM220
1
C5
3.3nF 250V Y1
Panasonic
ECK-ATS332ME
1
C6
47nF SMD 1206
2
C7, C8
330uF/25V Electro
Panasonic
EEU-FC1E331L
1
C9
0.01uF 0805
Panasonic
ECJ-2VB1H103K
1
C11
0.047uF 250V Box
Panasonic
ECQ-U2A473ML
1
D2
200V .2A
Micro Commercial
BAV20WS-TP
1
D3
200V 1A
STMicroelectronics
STTH102
1
F1
5.1 Ohm Fusable Resistor
1
L1
Common Mode
Hua Jung Comp.
HJC0308Q
1
R1
JUMPER
1
R2
2K 5% 1/2W
1
R3
9.1K 5% 1206
1
R4
220 5% 805
1
R5
1K 5% 0805
1
R6
13.3K 1% SMD 0805
Panasonic
ERJ-6ENF1332V
1
R7
3.40K 1% SMD 0805
Panasonic
ERJ-6ENF3401V
1
R8
4.7 5% 1206
1
R9
3.3K 5% 1206
1
TR1
Output transformer
Cramer Coil
CVP11-021
1
U2
H11A817A
Fairchild
H11A817A
1
U3
TL431
STMicroelectronics
TL431AIZ
1
U4
VIPer12A Dip
STMicroelectronic
VIPer12ADIP
1
MOV
220V Varistor
1
HS
U4 Heat Sink
2AC Wires
1
Output cable assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com