Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2173 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2173
Description  Using a VIPer12-based Power Supply to Replace a Wall Transformer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2173 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2173 Datasheet HTML 1Page - STMicroelectronics AN2173 Datasheet HTML 2Page - STMicroelectronics AN2173 Datasheet HTML 3Page - STMicroelectronics AN2173 Datasheet HTML 4Page - STMicroelectronics AN2173 Datasheet HTML 5Page - STMicroelectronics AN2173 Datasheet HTML 6Page - STMicroelectronics AN2173 Datasheet HTML 7Page - STMicroelectronics AN2173 Datasheet HTML 8Page - STMicroelectronics AN2173 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev 1.0
November 2005
1/15
15
Introduction
This application note describes a power supply that can be used as a wall transformer replacement or as
a power module for a small consumer appliance. The design objectives are:
■ The outside case dimensions (in inches) are 2L x 2W x 1H, with smaller inside dimensions,
■ the Line and Neutral pins (of equal size and 8mm from the end of the assembly) are attached to the
case,
■ the input voltage ranges are 95VAC to 135VAC; and 190VAC to 270VAC,
■ the output voltage is 15V (max) at 1mA (min) and is 12V (min) at 500mA (max), with a 50% duty cycle,
■ the ambient temperature range is –5°C to 55°C, and
■ the Electromagnetic Interference (EMI) is measured for all loads.
The power supply for the wall transformer replacement application consists primarily of a re-packaged
VIPer12 Demonstration Board (12V, single output voltage, see Application Note AN1734 for details).
Figure 1.
VIPer12-based Power Supply Assembly, Top View
AN2173
APPLICATION NOTE
Using a VIPer12-based Power Supply
to Replace a Wall Transformer
http:/www.st.com


Similar Part No. - AN2173

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN217 SILABS-AN217 Datasheet
324Kb / 18P
C8051F35X DELTA-SIGMA ADC USER?셎 GUIDE
logo
List of Unclassifed Man...
AN217 ETC2-AN217 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - AN2173

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8079 ONSEMI-AND8079 Datasheet
150Kb / 20P
A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator
October, 2002 - Rev. 1
logo
Microchip Technology
AN1025 MICROCHIP-AN1025 Datasheet
527Kb / 8P
Converting A 5.0V Supply Rail To A Regulated 3.0V
2006
logo
Fairchild Semiconductor
AN-6858 FAIRCHILD-AN-6858 Datasheet
256Kb / 7P
Control a Flyback Power Supply
logo
STMicroelectronics
AN2544 STMICROELECTRONICS-AN2544 Datasheet
353Kb / 17P
Designing a low cost power supply using
22-Nov-2007
logo
List of Unclassifed Man...
SP-K10 ETC2-SP-K10 Datasheet
337Kb / 2P
Designed to replace ceramic insulators
logo
Fairchild Semiconductor
AN-6754 FAIRCHILD-AN-6754 Datasheet
352Kb / 8P
Design Guideline to Replace SG6742
AN-6756 FAIRCHILD-AN-6756 Datasheet
575Kb / 13P
Applying FAN6756 to Control a Flyback Power Supply
logo
STMicroelectronics
P-NUCLEO-USB001 STMICROELECTRONICS-P-NUCLEO-USB001 Datasheet
484Kb / 7P
A power connector to interface with external power supply
15-Feb-2017
logo
Ralston Instruments.
QTHA-HTBB-2T RALSTON-QTHA-HTBB-2T_19 Datasheet
522Kb / 1P
Connect a Quick-test hose to a tube fitting through a wall or control panel
logo
Applied Motion Products...
RC880 AMP-RC880 Datasheet
647Kb / 2P
When using a regulated power supply for a drive
Rev A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com