Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2173 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2173
Description  Using a VIPer12-based Power Supply to Replace a Wall Transformer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2173 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2173 Datasheet HTML 6Page - STMicroelectronics AN2173 Datasheet HTML 7Page - STMicroelectronics AN2173 Datasheet HTML 8Page - STMicroelectronics AN2173 Datasheet HTML 9Page - STMicroelectronics AN2173 Datasheet HTML 10Page - STMicroelectronics AN2173 Datasheet HTML 11Page - STMicroelectronics AN2173 Datasheet HTML 12Page - STMicroelectronics AN2173 Datasheet HTML 13Page - STMicroelectronics AN2173 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
3 Transformer Electrical Specifications
AN2173 - APPLICATION NOTE
10/15
3
Transformer Electrical Specifications
When the VIPer12A (U4) is ON, energy is stored in the primary winding of transformer (10-8),
TR1. This energy is transferred to the auxiliary winding (5-6), and to the output (1-2) when the
VIPer12A is OFF. The auxiliary winding provides the bias voltage for the VIPer12A at pin 4
(VDD).
Figure 10. Transformer Winding Schematic
Table 1.
Winding Inductance Ratings
Parameter
Value
Units
Primary Inductance (Lp)
3.25 ± 10%
mH
Primary Leakage Inductance (Llp)
34 (typ)
µH
N1
N2
12V @ 0.50A
N4
N3
15V @ 0.02A
1
2
8
9
6
10
5
120 - 400V
@ 60kHz,
50% DC
1/2 Primary
1/2 Primary
Secondary
Auxiliary
AI11837
TR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com