Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2738 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2738
Description  L6390 half-bridge gate driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2738 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2738 Datasheet HTML 9Page - STMicroelectronics AN2738 Datasheet HTML 10Page - STMicroelectronics AN2738 Datasheet HTML 11Page - STMicroelectronics AN2738 Datasheet HTML 12Page - STMicroelectronics AN2738 Datasheet HTML 13Page - STMicroelectronics AN2738 Datasheet HTML 14Page - STMicroelectronics AN2738 Datasheet HTML 15Page - STMicroelectronics AN2738 Datasheet HTML 16Page - STMicroelectronics AN2738 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
AN2738
L6390 op-amp
Doc ID 14589 Rev 2
13/54
6
L6390 op-amp
The L6390 integrates an operational amplifier optimized for field oriented control (FOC)
applications. In a typical FOC application a tri-phase power bridge is used and the currents
in the three half-bridges are sensed using a shunt resistor on the source of each low side
power switch. The analog current information is transformed in a discontinuous sense
voltage signal, available only when the current is flowing in the low side path and having the
same frequency of the PWM signal driving the bridge. The sense voltage is a bipolar analog
signal, which sign depends on the direction of the current (see Figure 10):
PWM frequency in a typical home appliance motor driver application is in the range of 5-20
kHz. The sense voltage signals must be provided to an A/D converter in order to perform the
matrix calculation related to a certain control technique. Those sense signals are usually
shifted and amplified by dedicated op-amps in order to exploit the full range of the A/D
converter. The typical scheme shown in Figure 11 is used.
Figure 10.
3-phase system
Vs
Vs
Vs
3-PHASE DRIVER
SINUSOIDAL VECTOR CONTROL
POWER
STAGE
3-PHASE
MOTOR
IPHASE
Iload x Rs
V
t
SENSING:
Discontinuos Voltage at fPWM frequency
-Iload x Rs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com