Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2738 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2738
Description  L6390 half-bridge gate driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2738 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2738 Datasheet HTML 19Page - STMicroelectronics AN2738 Datasheet HTML 20Page - STMicroelectronics AN2738 Datasheet HTML 21Page - STMicroelectronics AN2738 Datasheet HTML 22Page - STMicroelectronics AN2738 Datasheet HTML 23Page - STMicroelectronics AN2738 Datasheet HTML 24Page - STMicroelectronics AN2738 Datasheet HTML 25Page - STMicroelectronics AN2738 Datasheet HTML 26Page - STMicroelectronics AN2738 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
AN2738
Application example
Doc ID 14589 Rev 2
23/54
8.1
VCC supply pin
Regarding the VCC pin, a local filtering of the supply voltage very close to the L6390 IC is
recommended. Generally the suggestion is to use two capacitors, one electrolytic with
greater value (CVCC1 = 10 µF, for example) which has a great energy capability but also a
not negligible ESR (so is quite slow in providing the current) and a second smaller ceramic
capacitor (CVCC2 = 100 nF) which has a lower ESR value but a lower energy capability. The
first capacitor works mainly as bulk energy storage while the second one is able to supply
the dynamic current spikes required by the commutations of the device, so is better for high
frequency decoupling of the IC supply voltage. On the other hand, the selection of the
proper value for the CBOOT capacitor is already described in Section 7.
Figure 20.
Ex. of an application circuit for one of the three half-bridges of a 3-phase
power stage
In the example a VCC supply voltage of 15 V is used. This voltage is approximately the
same voltage provided to the gate of the power switches.
8.2
BOOT (floating) supply pin
The bootstrap capacitor to supply the high-side floating section of the gate driver must be
placed between the BOOT pin 16 and the OUT pin 14. For a deep description of the proper
dimensioning of the bootstrap capacitor please refer to Section 7 on page 18. The capacitor
must be placed as close as possible to the related IC pins. The bootstrap diode required for
the charge of the bootstrap capacitor is integrated inside the L6390 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com