Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2738 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2738
Description  L6390 half-bridge gate driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2738 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2738 Datasheet HTML 1Page - STMicroelectronics AN2738 Datasheet HTML 2Page - STMicroelectronics AN2738 Datasheet HTML 3Page - STMicroelectronics AN2738 Datasheet HTML 4Page - STMicroelectronics AN2738 Datasheet HTML 5Page - STMicroelectronics AN2738 Datasheet HTML 6Page - STMicroelectronics AN2738 Datasheet HTML 7Page - STMicroelectronics AN2738 Datasheet HTML 8Page - STMicroelectronics AN2738 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
AN2738
Pin description
Doc ID 14589 Rev 2
5/54
1
Pin description
Table 1.
Pin description
Pin n°
Pin name
Type
Function
1LIN
I
Low side driver logic input (active low)
2SD/OD(1)
1.
The circuit provides less than 1 V on the LVG and HVG pins (@ Isink = 10 mA), with VCC > 3 V. This allows
the omission of the “bleeder” resistor connected between the gate and the source of the external MOSFET
normally used to hold the pin low. The gate driver ensures low impedance in SD conditions also. See
Section 4.
I/O
Shutdown logic input (active low)/open drain
(comparator output)
3
HIN
I
High side driver logic input (active high)
4
VCC
P
Lower section supply voltage
5
DT
I
Dead time setting
6
OP-
I
Op-amp inverting input
7
OPOUT
O
Op-amp output
8GND
P
Ground
9
OP+
I
Op-amp non inverting input
10
CP+
I
Comparator input
11
LVG(1)
O
Low side driver output
12,13
NC
Not connected
14
OUT
P
High side (floating) common voltage
15
HVG(1)
O
High side driver output
16
BOOT
P
Floating section (bootstrap) supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com